Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX14900DEVKIT Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX14900DEVKIT
Description  Stand-Alone Operation in Parallel Mode
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14900DEVKIT Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX14900DEVKIT Datasheet HTML 1Page - Maxim Integrated Products MAX14900DEVKIT Datasheet HTML 2Page - Maxim Integrated Products MAX14900DEVKIT Datasheet HTML 3Page - Maxim Integrated Products MAX14900DEVKIT Datasheet HTML 4Page - Maxim Integrated Products MAX14900DEVKIT Datasheet HTML 5Page - Maxim Integrated Products MAX14900DEVKIT Datasheet HTML 6Page - Maxim Integrated Products MAX14900DEVKIT Datasheet HTML 7Page - Maxim Integrated Products MAX14900DEVKIT Datasheet HTML 8Page - Maxim Integrated Products MAX14900DEVKIT Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Maxim Integrated │ 3
www.maximintegrated.com
Evaluates: MAX14900E
MAX14900E Evaluation Kit
to control and monitor the device, attach a voltage repre-
senting the external logic to TP33 (VL), and attach a shunt
to J3 (VL) between the center and right posts.
Paralleling Outputs
The EV kit makes it easy to parallel up to four outputs
together to deal with higher loads. J8, J10, and J12, when
shunted, connect outputs O1–O4 together in various
configurations. Similarly, J9, J11, and J13, when shunted,
connect outputs O5–O8 in various configurations. To
determine which outputs short to what, see Table 1 for
jumper and output information. The copper traces on the
board are also evident from output to each jumper.
Dedicated Configuration Pins
J15 (EN), J20 (FLTR), and J22 (PUSHPL) set their
respective pins high. When not shunted, these pins are
driven logic-low from individual pulldowns inside the
device.
Parallel Mode
To put the EV kit in parallel mode, ensure that no shunt is
attached to J18 (SRIAL). Fault conditions can be monitored
in two ways. First, attach a shunt between the right and
center pins of J23. LED1 glows red whenever the device
reports a fault condition. Otherwise, a fault condition can be
monitored by attaching external monitoring circuitry to TP31
(FAULT). The MAX14900E FAULT pin is open-drain.
If the external circuitry attached to TP31 (FAULT) has a pul-
lup, ensure that J23 has no shunts attached. If the exter-
nal circuitry has no pullup, attach a shunt to J23 between
the left and center posts. External circuitry drives the
parallel inputs at TP1–TP8. See Table 3, describing how
these control signals on TP1–TP8 determine the state
of the outputs O1 through O8. In addition, three signals
control how the TP1–TP8 control inputs are interpreted,
as detailed in Table 4.
Serial Mode Through External Circuitry
To drive the serial SPI interface of the device through
external circuitry, ensure that J4–J7 each have shunts
attached between the center and right posts. Then, attach
the corresponding external SPI controls with TP34–TP37.
The state of the SRIAL pin must be set appropriately. If
running in monitored-parallel mode, SRIAL must be low
(J18 has no shunt). If running in serial mode, J18 must
be shunted.
Dual-Function Configuration Pins
When running in serial mode (not monitored-parallel mode
or parallel mode), IN1, IN3, IN7, and IN8 become extra
configuration pins. These pins are driven logic-low through
weak internal pulldowns inside the device, but can be set
high attaching shunts to J14, J17, J19, or J21.
Refer to the MAX14900E IC data sheet for a detailed
description of these pin functions. Additionally, in serial
mode, IN4 becomes an open-drain output, indicating a
CRC error in a received serial-command stream. To see
the state of this pin in serial mode, attach a shunt between
the left and center posts of J24. LED2 glows red in case
of a CRC error.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com