Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSMCS16 Datasheet(PDF) 6 Page - Schurter Inc.

Part # MSMCS16
Description  Metal Switch Medium Stroke, Switching Voltage up to 250 VAC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

MSMCS16 Datasheet(HTML) 6 Page - Schurter Inc.

  MSMCS16 Datasheet HTML 1Page - Schurter Inc. MSMCS16 Datasheet HTML 2Page - Schurter Inc. MSMCS16 Datasheet HTML 3Page - Schurter Inc. MSMCS16 Datasheet HTML 4Page - Schurter Inc. MSMCS16 Datasheet HTML 5Page - Schurter Inc. MSMCS16 Datasheet HTML 6Page - Schurter Inc. MSMCS16 Datasheet HTML 7Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
Metal Line Switches
MSM CS 16
https://www.schurter.com /PG70
Switches
All Variants
Diameter
Switching
Current
Switching Voltage Illumination, LED
Housing Ma-
terial
Torsion Protection
Housing/Actuator
Config. Code
Order Number
[mm]
[A]
[VAC/ VDC]
16
0.1
30 VDC
non-illuminated
Stainless
Steel
yes yes
MSM 16 CS
3-102-649
█
16
5 / 3
125/250 VAC
non-illuminated
Stainless
Steel
yes yes
MSM 16 CS
3-102-650
█
16
10
250 VAC
non-illuminated
Stainless
Steel
yes yes
MSM 16 CS
3-102-651
█
16
0.1
30 VDC
Backlighted, red, 24 VDC
Stainless
Steel
yes yes
MSM 16 CS AI red
3-102-633
█
16
5 / 3
125/250 VAC
Backlighted, red, 24 VDC
Stainless
Steel
yes yes
MSM 16 CS AI red
3-102-634
█
16
10
250 VAC
Backlighted, red, 24 VDC
Stainless
Steel
yes yes
MSM 16 CS AI red
3-102-635
█
16
0.1
30 VDC
Backlighted, green, 24 VDC
Stainless
Steel
yes yes
MSM 16 CS AI green
3-102-636
█
16
5 / 3
125/250 VAC
Backlighted, green, 24 VDC
Stainless
Steel
yes yes
MSM 16 CS AI green
3-102-637
█
16
10
250 VAC
Backlighted, green, 24 VDC
Stainless
Steel
yes yes
MSM 16 CS AI green
3-102-639
█
16
0.1
30 VDC
Backlighted, blue, 24 VDC
Stainless
Steel
yes yes
MSM 16 CS AI blue
3-102-640
█
16
5 / 3
125/250 VAC
Backlighted, blue, 24 VDC
Stainless
Steel
yes yes
MSM 16 CS AI blue
3-102-641
█
16
10
250 VAC
Backlighted, blue, 24 VDC
Stainless
Steel
yes yes
MSM 16 CS AI blue
3-102-642
█
16
0.1
30 VDC
Backlighted, yellow, 24 VDC
Stainless
Steel
yes yes
MSM 16 CS AI yellow
3-102-643
█
16
5 / 3
125/250 VAC
Backlighted, yellow, 24 VDC
Stainless
Steel
yes yes
MSM 16 CS AI yellow
3-102-644
█
16
10
250 VAC
Backlighted, yellow, 24 VDC
Stainless
Steel
yes yes
MSM 16 CS AI yellow
3-102-645
█
16
0.1
30 VDC
Backlighted, white, 24 VDC
Stainless
Steel
yes yes
MSM 16 CS AI white
3-102-646
█
16
5 / 3
125/250 VAC
Backlighted, white, 24 VDC
Stainless
Steel
yes yes
MSM 16 CS AI white
3-102-647
█
16
10
250 VAC
Backlighted, white, 24 VDC
Stainless
Steel
yes yes
MSM 16 CS AI white
3-102-648
█
Legend:
Type:
MSMCS = Ceramic Surface
ST = Standard: not lettered
LE = Lettering: lettered
AI = BL = Full Surface Backlighting: Lettering possible (see Lettering, last 3 digits)
IP65 degree of protection front side contact areadegree of protection rear side contact area IP40 or IP67 optional -> see Technical Data Micro Switch
Customer-specific versions available on request.
Special materials for use in salt and chlorinated environment on request.
The MOQ for standard laser lettering on standard variants is a packing unit.
The nut with gasket and micro switch are enclosed in the box.
█ Most Popular.
Availability for all products can be searched real-time:https://www.schurter.com/en/Stock-Check/Stock-Check-SCHURTER



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com