Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP828EK Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP828EK
Description  High Efficiency Voltage Inverters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP828EK Datasheet(HTML) 1 Page - Sipex Corporation

  SP828EK Datasheet HTML 1Page - Sipex Corporation SP828EK Datasheet HTML 2Page - Sipex Corporation SP828EK Datasheet HTML 3Page - Sipex Corporation SP828EK Datasheet HTML 4Page - Sipex Corporation SP828EK Datasheet HTML 5Page - Sipex Corporation SP828EK Datasheet HTML 6Page - Sipex Corporation SP828EK Datasheet HTML 7Page - Sipex Corporation SP828EK Datasheet HTML 8Page - Sipex Corporation SP828EK Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
SP828DS/03
SP828/829 High Efficiency Voltage Inverters
© Copyright 1999 Sipex Corporation
s 99.9% Voltage Conversion Efficiency
s +1.5V to +5.5V Input Voltage Range
s +1.25 V
IN Guaranteed Start-up
s Inverts Input Supply Voltage
s Low EMI Voltage Inverter
s 50
µA Quiescent Current for the SP828
s 130
µA Quiescent Current for the SP829
s 25mA Output Current
s Indefinite Output Short Circuit to GND
s Low 20
Ω Output Resistance
s 12kHz Operating Frequency for the SP828
s 35kHz Operating Frequency for the SP829
s Pin Compatible Enhancement to
MAX 828/829, TC828/829
s 5-pin SOT23 Package
High Efficiency Voltage Inverters
SP828/829
DESCRIPTION
The SP828/829 devices are CMOS Charge Pump Voltage Inverters that can be
implemented in designs requiring a negative voltage from a +5V supply. The SP828/829
devices are ideal for both battery-powered and board level voltage conversion
applications with a typical operating current of 50
µA for the SP828 and 130µA for the SP829.
Both devices can output 25mA with a voltage drop of 500mV. These devices combine a low
quiescent current with high efficiency (>95% over most of its load-current range). The SP828/829
provide a stable operating frequency, low output resistance and low EMI to enhance performance
of critical analog circuitry. The SP828/829 devices are available in a space-saving 5-pin
SOT23 Package.
C1-
VOUT
VIN
C1+
GND
SP828
SP829
5
3
2
1
4
SIGNAL PROCESSING EXCELLENCE


Similar Part No. - SP828EK

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SP820S SECOS-SP820S Datasheet
398Kb / 2P
8.0AMP Schottky Barrier Rectifiers
logo
SamHop Microelectronics...
SP823C SAMHOP-SP823C Datasheet
99Kb / 7P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
SP8255 SAMHOP-SP8255 Datasheet
95Kb / 7P
Dual N-Channel Enhancement Mode Field Effect Transistor
SP8256 SAMHOP-SP8256 Datasheet
106Kb / 7P
Super high dense cell design for low RDS(ON).
More results

Similar Description - SP828EK

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX828 MAXIM-MAX828 Datasheet
85Kb / 8P
Switched-Capacitor Voltage Inverters
Rev 2; 4/97
MAX870 MAXIM-MAX870 Datasheet
97Kb / 8P
Switched-Capacitor Voltage Inverters
Rev 0; 6/97
logo
Unisonic Technologies
UC5301 UTC-UC5301 Datasheet
194Kb / 6P
SWITCHED-CAPACITOR VOLTAGE INVERTERS
logo
New Jersey Semi-Conduct...
IR413 NJSEMI-IR413 Datasheet
474Kb / 2P
High -voltage NPN silicon transistors designed for medium-to-high- voltage inverters
logo
Unisonic Technologies
UC5301 UTC-UC5301_15 Datasheet
278Kb / 8P
SWITCHED-CAPACITOR VOLTAGE INVERTERS
logo
Sangdest Microelectroni...
B5817W SMC-B5817W Datasheet
188Kb / 4P
For use in low voltage, high frequency inverters
logo
SHIKUES Electronics
MBR120ESF SKTECHNOLGY-MBR120ESF Datasheet
799Kb / 2P
For use in low voltage, high frequency inverters
MBR120LSF SKTECHNOLGY-MBR120LSF Datasheet
1Mb / 2P
For use in low voltage, high frequency inverters
logo
Maxim Integrated Produc...
MAX828 MAXIM-MAX828_V01 Datasheet
177Kb / 8P
Switched-Capacitor Voltage Inverters
1999
MAX870 MAXIM-MAX870_V01 Datasheet
409Kb / 8P
Switched-Capacitor Voltage Inverters
2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com