Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR2PACK2BD Datasheet(PDF) 3 Page - Schneider Electric

Part # SR2PACK2BD
Description  Compact discovery packs, Zelio Logic, smart relay discovery pack, 20 I/O, 24 V DC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

SR2PACK2BD Datasheet(HTML) 3 Page - Schneider Electric

  SR2PACK2BD Datasheet HTML 1Page - Schneider Electric SR2PACK2BD Datasheet HTML 2Page - Schneider Electric SR2PACK2BD Datasheet HTML 3Page - Schneider Electric SR2PACK2BD Datasheet HTML 4Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
EN/IEC 60068-2-27 Ea
EN/IEC 61000-4-11
EN/IEC 61000-4-12
EN/IEC 60068-2-6 Fc
EN/IEC 61000-4-5
EN/IEC 61000-4-2 level 3
EN/IEC 61000-4-4 level 3
IP degree of protection
IP20 IEC 60529 terminal block)
IP40 IEC 60529 front panel)
Environmental characteristic
EMC directive EN/IEC 61000-6-2
EMC directive EN/IEC 61000-6-3
EMC directive EN/IEC 61000-6-4
EMC directive EN/IEC 61131-2 zone B
low voltage directive EN/IEC 61131-2
Disturbance radiated/
conducted
Class B EN 55022-11 group 1
Pollution degree
2 EN/IEC 61131-2
Ambient air temperature for
operation
-4…104 °F (-20…40 °C) in non-ventilated enclosure IEC 60068-2-1 and IEC 60068-2-2
-4…131 °F (-20…55 °C) IEC 60068-2-1 and IEC 60068-2-2
Ambient Air Temperature for
Storage
-40…158 °F (-40…70 °C)
Operating altitude
6561.68 ft (2000 m)
Maximum altitude transport
10000.00 ft (3048 m)
Relative Humidity
95 % without condensation or dripping water
Ordering and shipping details
Category
22378-SR2,3 ZELIO 2 RELAYS
Discount Schedule
I
GTIN
3389110549737
Nbr. of units in pkg.
1
Package weight(Lbs)
20.95 oz (594 g)
Returnability
No
Country of origin
FR
Packing Units
Unit Type of Package 1
PCE
Package 1 Height
2.44 in (6.2 cm)
Package 1 width
6.02 in (15.3 cm)
Package 1 Length
9.17 in (23.3 cm)
Unit Type of Package 2
S03
Number of Units in Package 2
10
Package 2 Weight
14.67 lb(US) (6.653 kg)
Package 2 Height
11.81 in (30 cm)
Package 2 width
11.81 in (30 cm)
Package 2 Length
15.75 in (40 cm)
Offer Sustainability
Sustainable offer status
Green Premium product
California proposition 65
WARNING: This product can expose you to chemicals including: Lead and lead compounds, which is
known to the State of California to cause cancer and birth defects or other reproductive harm. For more
information go to www.P65Warnings.ca.gov
REACh Regulation
REACh Declaration
EU RoHS Directive
Pro-active compliance (Product out of EU RoHS legal scope)
Mar 23, 2022
3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com