Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PPC-3151 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # PPC-3151
Description  15 Fanless Panel PC with Intel짰 Core??i5-6300U Processor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PPC-3151 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  PPC-3151 Datasheet HTML 1Page - Advantech Co., Ltd. PPC-3151 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.advantech.com/products
Online Download
Features
PPC-3151
ƒ 15" XGA TFT LCD flat panel with projected capacitive (default) or resistive
(optional) touchscreen
ƒ Intel® Core™ i5-6300U (default)/i7/i3 (optional) processor with fanless
system design
ƒ Supports either 1 x PCIe x4 or PCI
ƒ 1 x M.2 bay (2242) for storage only
ƒ 1 x isolated RS-422/485 with auto flow
ƒ Wide power input range (9 ~ 32 VDC)
ƒ Dual Gigabit Ethernet, IEEE1588 compliant
ƒ 3 x Independent displays
ƒ Supports VESA 75 mounting interface
15" Fanless Panel PC with
Intel® Core™ i5-6300U Processor
Introduction
The PPC-3151 is a next-generation panel PC featuring a 15" TFT XGA display with 1024 x 768 resolution. Powered by a high-performance Intel® Core™ i5-6300U processor, the system’s
high-efficiency fanless thermal design allows heat to dissipate rapidly. By combining high performance with reliability, PPC-3151 provides a superior human-machine interface. Rich
I/O including 3 x COM, 4 x USB 3.0, and dual Gigabit Ethernet facilitate device connectivity and system integration. The inclusion of a PCIe/PCI slot for fieldbus or proprietary card
expansion increases the system’s suitability for diverse applications. Finally, the 5-point multi-touch screen ensures convenient and intuitive operation for the optimal user experience.
Specifications
Model
PPC-3151-650AE
Processor
CPU
Intel® Core™ i5-6300U (dual core)
Frequency
2.4 GHz, turbo boost up to 3.0 GHz
Smart Cache
3 MB
Memory
1 x SODIMM, DDR4 1866/2133, max. 16 GB (1.2V)
Storage
1 x 2.5" SATA bay
1 x M.2 bay (size: 22 x 42 mm, socket 2 B key, for storage only)
Network (LAN)
2 x 10/100/1000 Mbps Ethernet (Intel® I211-AT; Intel® I219LM)
I/O
3 x Serial ports (2 x RS-232, 1 x RS-422/485 with 1K VDC isolation)
4 x USB 3.0 ports at rear
1 x Line-Out, 1 x Mic-In
1 x DB15 VGA
1 x DisplayPort (1.2)
Expansion
1 x Mini PCIe
1 x PCIe x 4 (Default); 1 x PCI (in the accessory box)
Optional: 1 x Cfast, 1 x CF card, 1 x internal USB dongle, 2 x RS-232 or 1 x RS-232 + 1 x GPIO
Watchdog Timer
255 timer levels, setup via software
Speaker
2 x 1W
Physical Characteristics
Dimensions
391.4 x 312.5 x 55.35 mm (15.41 x 12.3 x 2.18 in)
Weight
5.4 kg (11.90 lb)
OS Support
OS
Microsoft® Windows 7 (32/64-bit), Windows 8.1/10 (64-bit), Linux
Power Consumption
Input Voltage
9 ~ 32 VDC
Power Consumption
i5-6300U: 60W (Burn-in test 7.0 in Windows 7, 64 bit)
LCD Panel
Display Type
15" TFT LED panel
Max. Resolution
1024 x 768
Viewing Angle
80 ° (left), 80 ° (right), 70 ° (up), 70 ° (down)
Luminance (cd/m2)
400
Contrast Ratio
700
Backlight Lifetime
50,000 hr
Touchscreen
Touch Type
Projected capacitive 5-point multi-touch
Light Transmission
88% ± 5%
Controller
USB interface
Environment
Operating Temperature
0 ~ 50 °C (32 ~ 122 °F) for SSD, 0 ~ 45 °C (32 ~ 113 °F) for HDD
Storage Temperature
-40 ~ 60 °C (-40 ~ 140 °F)
Relative Humidity
10 ~ 95% @ 40 °C (non-condensing)
Shock
Operating 10 G peak acceleration (11 ms duration), IEC 60068-2-27 compliant
Vibration
Operating random vibration test 5 ~ 500Hz, 1 Grms with HDD; 2 Grms with SSD, IEC 60068-2-64 compliant
EMC
CE, FCC Class B, BSMI
Safety
CB, UL, CCC, BSMI
Front Panel Protection
IP65 compliant
All product specifications are subject to change without notice.
Last updated: 27-Jun-2018


Similar Part No. - PPC-3151

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PPC-3151SW ADVANTECH-PPC-3151SW Datasheet
440Kb / 2P
15.6 Fanless Panel PC with Intel® Core™ i Processor
28-Jul-2022
PPC-3151SW-MART ADVANTECH-PPC-3151SW-MART Datasheet
570Kb / 2P
15.6 Panel PC with Win 10 LTSC and Intel® Core™ i5-6300U
22-Jan-2021
PPC-3151SW-P63A ADVANTECH-PPC-3151SW-P63A Datasheet
440Kb / 2P
15.6 Fanless Panel PC with Intel® Core™ i Processor
28-Jul-2022
PPC-3151SW-P63B ADVANTECH-PPC-3151SW-P63B Datasheet
440Kb / 2P
15.6 Fanless Panel PC with Intel® Core™ i Processor
28-Jul-2022
PPC-3151SW-P65A ADVANTECH-PPC-3151SW-P65A Datasheet
440Kb / 2P
15.6 Fanless Panel PC with Intel® Core™ i Processor
28-Jul-2022
More results

Similar Description - PPC-3151

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PPC-L157T ADVANTECH-PPC-L157T Datasheet
454Kb / 2P
15 Fanless Panel PC with Intel짰 Ato ??N270 Processor
PPC-6150-Ri5AE ADVANTECH-PPC-6150-Ri5AE Datasheet
567Kb / 2P
15" Panel PC with Intel짰 Core??i3 / i5 / Celeron짰 Processor
PPC-8150-RI3AE ADVANTECH-PPC-8150-RI3AE Datasheet
541Kb / 2P
15" Panel PC with Intel짰 Core??i3 / i5 Processor
PPC-8170-RI3AE ADVANTECH-PPC-8170-RI3AE Datasheet
556Kb / 2P
17" Panel PC with Intel짰 Core??i3 / i5 Processor
PPC-L157T-080-XE ADVANTECH-PPC-L157T-080-XE Datasheet
590Kb / 2P
15" Fanless Panel PC with Intel짰 Atom??N270 Processor
PPC-L158T-090-AXE ADVANTECH-PPC-L158T-090-AXE Datasheet
636Kb / 2P
15" Fanless Panel PC with Intel짰 Atom??Dual-Core Processor
logo
GSR Technology Ltd
GSR-186 GSR-GSR-186 Datasheet
491Kb / 2P
18.5??Fanless Multi-touch Panel PC with Intel짰 Core??i5-4300U Processor
GSR-S156 GSR-GSR-S156 Datasheet
456Kb / 2P
15??Fanless IP65 Stainless Wheel Multi-touch Panel PC with Intel짰 Core??i5-4300U Processor
logo
Advantech Co., Ltd.
PPC-3150 ADVANTECH-PPC-3150_V01 Datasheet
543Kb / 2P
15 Fanless Panel PC with Intel짰 Atom??Quad-Core Processor
PPC-3150S ADVANTECH-PPC-3150S Datasheet
389Kb / 2P
15 Fanless Panel PC with Intel짰 Celeron짰 N2930 Processor
27-Jun-2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com