Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPC-2000 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # TPC-2000
Description  Modular Industrial Thin-Client Panel Computer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

TPC-2000 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  TPC-2000 Datasheet HTML 1Page - Advantech Co., Ltd. TPC-2000 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Dimensions
Unit: mm
TPC-2000 Series
Ordering Information
Configurable System
Box Module
TPC-B200-J12AE
TPC-B200-E12AE
Description
Intel® Celeron® J3455, 1.50 GHz,
processor with 4 GB DDR3L
Intel® Atom® E3940, 1.60 GHz,
processor with 4GB DDR3L
Panel
Module P/N
FPM-
D12T-BE
FPM-
D15T-BE
FPM-
D17T-BE
FPM-
D15W-FBE
FPM-
D18W-BE
FPM-
D21W-BE
FPM-
D24W-BE
Description
12.1" XGA
TFT LED
LCD
15" XGA TFT
LED LCD
17" SXGA
TFT LED
LCD
15.6" FHD
TFT LED
LCD
18.5" HD TFT
LED LCD
21.5" FHD
LED LCD
23.8" FHD
TFT LED
LCD
Pre-configured System
ƒ TPC-2121T-J12BE
Modular TPC with 12.1" XGA LCD, Intel® Celeron® J3455 quad-
core (1.50 GHz) processor, 4 GB RAM, and resistive touch control
ƒ TPC-2151T-J12BE
Modular TPC with 15" XGA LCD, Intel® Celeron® J3455 quad-
core (1.50 GHz) processor, 4 GB RAM, and P-CAP touch control
ƒ TPC-2181W-J12BE
Modular TPC with 18.5" HD LCD, Intel® Celeron® J3455 quad-
core (1.50 GHz) processor, 4 GB RAM, and P-CAP touch control
Optional Accessories
ƒ PWR-247-DE
60W DC 24V/2.5A power adaptor
ƒ 1702002600
Power cable (US) 1.8 M
ƒ 1702002605
Power cable (EU) 1.8 M
ƒ 1702031801
Power cable (UK) 1.8 M
ƒ 1700000596-11
Power cable (China/Australia) 1.8 M
ƒ 20703WX9ES0002
Win10 IoT Ent 2019 LTSC Entry for TPC-2000 series
ƒ TPC-5000T-VMKE
VESA mount kit for TPC-2000/5000 Series
ƒ TPC-RUSB-W10LTSBE
Win10 Recovery USB for TPC-2000 series
ƒ 98R35000000
USB NFC/RFID module ADT-006 (via CTOS)
ƒ Wi-Fi
Contact your sales rep. for front panel Wi-Fi module
iDoor Modules
ƒ PCM-26D2CA-AE
SJA1000 CANBus with CANOpen and 2 x DB9
ƒ PCM-26D1DB-MAE
Hilscher netX100 with FieldBus, ProfiBus, and 1 x DB9
ƒ PCM-27D24DI-AE
Digital I/O with 16 x DI/8 x DO, isolation, and 1 x DB37
ƒ PCM-24D2R4-AE
OXPCIe-952 UART with isolated RS-422/485 and 2 x DB9
ƒ PCM-24D2R2-AE
OXPCIe-952 UART with isolated RS-232 and 2 x DB9
ƒ PCM-24R2GL-AE
2-port Gigabit LAN Intel i350 PCIe mini card
ƒ PCM-24R1TP-AE
Intel 82574L with GbE, IEEE 1588 PTP, and 1 x RJ45
ƒ PCM-23C1CF-BE
1 x CFast Slot via SATA (note: additional cable is required)
* Contact Advantech for more options.
Application Software
Advantech WebAccess/SCADA is a 100% browser-
based IIoT software platform aimed at supervisory
control and data acquisition (SCADA) operations.
WebAccess/SCADA provides open interfaces that allow
our customers and partners to develop unique IoT
applications for different vertical markets. In addition to
supporting traditional SCADA functions, the platform
features an HTML5-based user interface and intelligent
dashboard to facilitate cross-platform, cross-browser
data analysis. Moreover, WebAccess/SCADA not only
offers built-in widgets, but is also equipped with an
innovative Widget Builder that enables customers to
build their own widgets.
Advantech WebAccess/HMI is human-machine
interface (HMI) software based on Microsoft's Windows
operating system. This software features excellent
communication and monitoring capabilities, supports
more than 350 PLC communication protocols, and
offers a wide choice of screen design objects to satisfy
diverse integrations of factory automation and HMI
operation and monitoring requirements.
E. Hard disk bay
F. mPCIe
G. M.2 (SATA only)
H. iDoor
I. Power input
J. 2 x RS-232/422/485
K. 2 x USB 3.0
L. 2 x LAN
(10/100/1000)
M. 2 x USB 2.0
N. DisplayPort
O. Audio Line Out
P. Antenna
Front View
Rear View
E
P
F
H
I
J
K L
M N
O
G
X2
Z Min. /Z Max.
R5
Panel Cutout
(Wall thickness)
X1
Z1
TPC-2000
System Dimension
Panel Mount
Wall Thickness
Display type
X1
Y1
Z1
X2
Y2
Z Min.
Z Max.
12'' (XGA)
311.8
238
57.1
303
229
1
6
15'' (XGA)
383.2
307.3
57.5
374.5
298.5
1
6
15.6" (FHD)
419.7
269
60.3
412.4
261.7
1
6
17'' (SXGA)
410.4
343.4
58.3
401.3
334.8
1
6
18.5" (HD)
488
309
60.3
479.3
300.3
1
6
21.5'' (FHD)
558.4
349.8
60.3
550.3
341.8
1
6
23.8'' (FHD)
595.9
374.1
60.3
587
365.3
1
6
X1
Z1
X1
Z1
A. Logo
B. iKey
C.Home key
D.Power indicator
B
D
A
C
Please note: If some optional modules are offered with the system, additional system certificates may be required in certain regions/countries.
Please contact Advantech for certificate compliance.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com