Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VC-800 Datasheet(PDF) 3 Page - Vectron International, Inc

Part # VC-800
Description  Voltage Controlled Crystal Oscillator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VC-800 Datasheet(HTML) 3 Page - Vectron International, Inc

  VC-800 Datasheet HTML 1Page - Vectron International, Inc VC-800 Datasheet HTML 2Page - Vectron International, Inc VC-800 Datasheet HTML 3Page - Vectron International, Inc VC-800 Datasheet HTML 4Page - Vectron International, Inc VC-800 Datasheet HTML 5Page - Vectron International, Inc VC-800 Datasheet HTML 6Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
VC-800 Voltage Controlled Crystal Oscillator
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • Fax: 1-888-FAX-VECTRON
3
Outline Diagram
Pad Layout
Tape and Reel
A
E
C
D
B
G
F
J
L
I
K
H
Tape Dimensions
Reel Dimensions
# Per Reel
Product
A
B
C
D
E
F
G
H
I
J
K
L
VC-800
12
5.5
1.5
4
8
1.78
20.6
13
55
6
12.4
178
500
Tape and Reel Dimensions (mm)
1
23
4
5
6
Pin #
Symbol
Function
1VC
Control Voltage
2Tri-state
Logic low disables output. Logic high or N/C enables output waveform.
3
GND
Ground
4fO
Output Frequency
5CMOS/TTL
Logic low for CMOS optimized symmetry. Logic high or N/C for TTL optimized symmetry.
6VDD
Supply Voltage
Pin Out



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com