Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8065 Datasheet(PDF) 29 Page - Analog Devices

Part # AD8065
Description  16-Bit, 33 MUPS, Multispan, Multi-IO SPI DAC
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8065 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD8065 Datasheet HTML 25Page - Analog Devices AD8065 Datasheet HTML 26Page - Analog Devices AD8065 Datasheet HTML 27Page - Analog Devices AD8065 Datasheet HTML 28Page - Analog Devices AD8065 Datasheet HTML 29Page - Analog Devices AD8065 Datasheet HTML 30Page - Analog Devices AD8065 Datasheet HTML 31Page - Analog Devices AD8065 Datasheet HTML 32Page - Analog Devices AD8065 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 60 page
background image
Data Sheet
AD3551R
THEORY OF OPERATION
analog.com
Rev. 0 | 29 of 60
When using single instruction mode, every CRC code in an SPI
frame uses 0xA5 as the seed value to prevent stuck at fault
conditions for Address 0x00.
When using streaming mode, the first CRC code in an SPI frame
also uses 0xA5 as the seed value, but subsequent CRC codes in
the same frame are calculated using the least significant byte of the
register address being accessed in the SPI transaction as the seed
value.
Because enabling the CRC in single SPI (classic) mode requires
that the SDO pin shifts out the CRC calculated by the AD3551R,
the transaction must respect the limitations of a read operation,
which is that DDR is disabled.
In dual and quad SPI modes, the CRC is appended at the end of
the byte or multibyte register transaction but the CRC is generated
only by the controller (write) or by the AD3551R (read), as shown in
Figure 77 and Figure 78.
When CRC error detection is enabled, do not use streaming mode,
including looping, if the range of registers being addressed includes
unused or reserved registers.
Figure 77. Dual SPI Transaction with CRC
Figure 78. Quad SPI Transaction with CRC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com