Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT8636 Datasheet(PDF) 21 Page - Analog Devices

Part # LT8636
Description  18V, 10A Synchronous Step-Down Silent Switcher
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8636 Datasheet(HTML) 21 Page - Analog Devices

Back Button LT8636 Datasheet HTML 17Page - Analog Devices LT8636 Datasheet HTML 18Page - Analog Devices LT8636 Datasheet HTML 19Page - Analog Devices LT8636 Datasheet HTML 20Page - Analog Devices LT8636 Datasheet HTML 21Page - Analog Devices LT8636 Datasheet HTML 22Page - Analog Devices LT8636 Datasheet HTML 23Page - Analog Devices LT8636 Datasheet HTML 24Page - Analog Devices LT8636 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
Shorted and Reversed Input Protection
The LT8642-1 will tolerate a shorted output. Several
features are used for protection during output short-cir-
cuit and brownout conditions. The first is the switching
frequency will be folded back while the output is lower
than the set point to maintain inductor current control.
Second, the bottom switch current is monitored such that
if inductor current is beyond safe levels switching of the
top switch will be delayed until such time as the inductor
current falls to safe levels.
Frequency foldback behavior depends on the state of the
SYNC pin: If the SYNC pin is low the switching frequency
will slow while the output voltage is lower than the pro-
grammed level. If the SYNC pin is connected to a clock
source, floated or tied high, the LT8642-1 will stay at the
programmed frequency without foldback and only slow
switching if the inductor current exceeds safe levels.
There is another situation to consider in systems where the
output will be held high when the input to the LT8642-1 is
absent. This may occur in battery charging applications or
in battery-backup systems where a battery or some other
supply is diode ORed with the LT8642-1’s output. If the VIN
pin is allowed to float and the EN pin is held high (either by
LT8642-1
21
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
a logic signal or because it is tied to VIN), then the LT8642-
1’s internal circuitry will pull its quiescent current through
its SW pin. This is acceptable if the system can tolerate
current draw in this state. If the EN pin is grounded the
SW pin current will drop to near 1µA. However, if the VIN
pin is grounded while the output is held high, regard-
less of EN, parasitic body diodes inside the LT8642-1
can pull current from the output through the SW pin and
the VIN pin. Figure 7 shows a connection of the VIN and
EN/UV pins that will allow the LT8642-1 to run only when
the input voltage is present and that protects against a
shorted or reversed input.
Figure 6. Paralleling Two LT8642-1s
LT8642-1
86421 F06
SW
SS
CLKOUT
VC
FB
LT8642-1
FB
VC
SYNC/MODE
SW
COUT
R1
C1
VOUT
20A
L1
L2
R2
RC
CC
SS
Figure 7. Reverse VIN Protection
VIN
VIN
D1
LT8642-1
EN/UV
86421 F07
GND
Thermal Considerations
For higher ambient temperatures, care should be taken in
the layout of the PCB to ensure good heat sinking of the
LT8642-1. The ground pins on the bottom of the package
should be soldered to a ground plane. This ground should
be tied to large copper layers below with thermal vias;
these layers will spread heat dissipated by the LT8642-
1. Placing additional vias can reduce thermal resistance
further. The maximum load current should be derated
as the ambient temperature approaches the maximum
junction rating. Power dissipation within the LT8642-1
can be estimated by calculating the total power loss from
an efficiency measurement and subtracting the inductor
loss. The die temperature is calculated by multiplying the
LT8642-1 power dissipation by the thermal resistance
from junction to ambient.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com