Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

COM-11950 Datasheet(PDF) 1 Page - SparkFun Electronics

Part # COM-11950
Description  GTE Knob Large
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

COM-11950 Datasheet(HTML) 1 Page - SparkFun Electronics

  COM-11950 Datasheet HTML 1Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SHEET 1 / 1
MATERIAL:
DESCRIPTION:
DRAWN BY:
DATE:
SCALE:
UNITS:
NOTES:
VER:
MODEL NAME:
PAGE SIZE C
22 x 17 INCH
D
C
A
A
B
C
D
4
2
1
3
3
2
1
4
B
CAD APLICATION: Creo Parametric 2.0
1.4550
[36,957]
.5965
[15,151]
.9490
[24,105]
Available in small, medium,
and large size.
Mounts on 6mm shaft.
Metal + Plastic
COM-11950
Do you need that extra push over the cliff?
The Large sized GTE (Goes To Eleven)
Knob can fit onto potentiometers with a 6mm
wide shaft thanks to a brass insert with a set
screw.
We know that most of you are playing at ten,
but with the GTE Knob you can go... one louder.
https://www.sparkfun.com/products/11950
GTE Knob
Large
Paul Smith
4.0
15 August 2013
inch[mm]
1.0


Similar Part No. - COM-11950

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
COM-11951 SPARKFUN-COM-11951 Datasheet
994Kb / 1P
GTE Knob Small
15 August 2013
More results

Similar Description - COM-11950

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
45KN015-GRX ETC1-45KN015-GRX Datasheet
77Kb / 1P
Knob
45KN024-GRX ETC1-45KN024-GRX Datasheet
83Kb / 1P
Knob
45KN026-GRX ETC1-45KN026-GRX Datasheet
75Kb / 1P
Knob
450-2037-GRX ETC2-450-2037-GRX Datasheet
87Kb / 1P
Knob
1227-K ETC2-1227-K Datasheet
95Kb / 1P
KNOB
1450 ETC2-1450 Datasheet
79Kb / 1P
KNOB
2720-Q ETC2-2720-Q Datasheet
72Kb / 1P
KNOB
2820-B ETC2-2820-B Datasheet
79Kb / 1P
KNOB
logo
SparkFun Electronics
COM-11949 SPARKFUN-COM-11949 Datasheet
1Mb / 1P
GTE Knob Medium
15 August 2013
COM-11951 SPARKFUN-COM-11951 Datasheet
994Kb / 1P
GTE Knob Small
15 August 2013
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com