Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCS30 Datasheet(PDF) 4 Page - Schurter Inc.

Part # MCS30
Description  Metal Switch Short Stroke Ring Illuminated
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

MCS30 Datasheet(HTML) 4 Page - Schurter Inc.

  MCS30 Datasheet HTML 1Page - Schurter Inc. MCS30 Datasheet HTML 2Page - Schurter Inc. MCS30 Datasheet HTML 3Page - Schurter Inc. MCS30 Datasheet HTML 4Page - Schurter Inc. MCS30 Datasheet HTML 5Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
Metal Line Switches
MCS 30
https://www.schurter.com /PG70
Switches
Order Index Lettering
Laser Marking
001 =
A
021 =
U
041 =
÷
061 =
EIN
002 =
B
022 =
V
042 =
✳
062 =
AUS
003 =
C
023 =
W
043 =
=
063 =
AUF
004 =
D
024 =
X
044 = #
064 =
AB
005 =
E
025 =
Y
045 =
↔
065 =
ON
006 =
F
026 =
Z
046 =
↕
066 =
OFF
007 =
G
027 =
0
047 =
→
067 =
UP
008 =
H
028 =
1
048 =
←
068 =
DOWN
009 =
I
029 =
2
049 =
↓
069 =
HIGH
010 =
J
030 =
3
050 =
↑
070 =
LOW
011 =
K
031 =
4
051 = %
071 =
ON/OFF
012 =
L
032 =
5
052 =
√
072 =
START
013 =
M
033 =
6
053 =
CTRL
073 =
RESET
014 =
N
034 =
7
054 =
RETURN
074 =
015 =
O
035 =
8
055 =
SHIFT
075 =
016 =
P
036 =
9
056 =
LOCK
076 =
017 =
Q
037 =
+
057 =
STOP
077 =
018 =
R
038 =
-
058 =
ENTER
019 =
S
039 =
.
059 =
BACK
020 =
T
040 = x
060 =
LINE
Please note that the font size depends on the number of characters
All Variants
Housing Material
Finger guide
Material
Actuator Material
Marking
Illumination, LED
Config. Code
Bestellnummer
Aluminum
Zinc Dieca-
sting
Zinc Diecasting
lettering not possible
illuminated, red, 5 - 28 VDC
MCS 30 RI
1241.6400
█
Aluminum
Zinc Dieca-
sting
Zinc Diecasting
lettering not possible
illuminated, green, 5 - 28 VDC
MCS 30 RI
1241.6401
█
Aluminum
Zinc Dieca-
sting
Zinc Diecasting
lettering not possible
illuminated, yellow, 5 - 28 VDC
MCS 30 RI
1241.6402
Aluminum
Zinc Dieca-
sting
Zinc Diecasting
lettering not possible
illuminated, red / green, 5 - 28 VDC
MCS 30 RI
1241.6403
█
Aluminum
Zinc Dieca-
sting
Zinc Diecasting
lettering not possible
illuminated, blue, 5 - 28 VDC
MCS 30 RI
1241.6404
Aluminum
Zinc Dieca-
sting
Stainless Steel
lettering possible
illuminated, red, 5 - 28 VDC
MCS 30 RI
1241.6405
Aluminum
Zinc Dieca-
sting
Stainless Steel
lettering possible
illuminated, red / green, 5 - 28 VDC
MCS 30 RI
1241.6408
Aluminum
Zinc Dieca-
sting
Zinc Diecasting
lettering not possible
illuminated, multicolor, 5 - 28 VDC
MCS 30 RI
1241.6454
█
Aluminum
Zinc Dieca-
sting
Zinc Diecasting
lettering not possible
illuminated, RGY, 5 - 28 VDC
MCS 30 RI
1241.6455
█
Stainless Steel
Stainless
Steel
Stainless Steel
lettering possible
illuminated, multicolor, 5 - 28 VDC
MCS 30 RI
1241.6456
█
The MCS 30 switch versions "Lettering possible" can be lettered according to the lettering indices.
The MOQ for standard laser lettering on standard variants is a packing unit.
The contact material is silver
Terminal: wire 200 mm
Nut with gasket are enclosed in the box.
█ Most Popular.
Availability for all products can be searched real-time:https://www.schurter.com/en/Stock-Check/Stock-Check-SCHURTER



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com