Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VXM4 Datasheet(PDF) 1 Page - Vectron International, Inc

Part # VXM4
Description  VXM4 Ultra Miniature SMD Crystals
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VXM4 Datasheet(HTML) 1 Page - Vectron International, Inc

  VXM4 Datasheet HTML 1Page - Vectron International, Inc VXM4 Datasheet HTML 2Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VXM4 Ultra Miniature SMD Crystals
4.0 x 2.5 x 0.6 mm tall 4 pads
13.0 M Hz to 50.0 M Hz
1 = Fundamental
A = ± 100 PPM - 20°C to + 70°C
B = ± 50 PPM - 20°C to + 70°C
C = ± 100 PPM - 40°C to + 85°C
D = ± 50 PPM - 40°C to + 85°C
E = ± 25 PPM - 20°C to + 70°C
F = ± 30 PPM - 20°C to + 70°C
0 = Series Resonance
1 = 16 pF
2 = 20 pF
3 = 32 pF
4 = 18 pF
5 = 10 pF
6 = 30 pF
±
10 ppm at +25C
60 Ohms Max. > 15 MHz, 40 Ohms Max. > 20 MHz, 30
Ohms Max. > 50 MHz
7 pF Maximum
50 uW Typical
± 1.0 PPM/ year Maximum
± 1.0 PPM Maximum
Tape and Reel (1000 pc minimum)
VXM4-1 B2-28M224
M4 = 4.0 x 2.5 x 0.6 mm 4 pads
1 = Fundamental Mode
B = ± 50 PPM -20°C to + 70°C
2 = 20 pF load
Package:
Frequency Range:
Mode:
Stability:
Load Capacitance (CL):
STD Calibration Tolerance:
ESR:
Shunt Capacitance (Co):
Drive Level:
Aging:
Reflow:
Standard Packaging:
Typical P/N:
Vectron International, 267 Lowell Rd, Hudson NH 03051-4916
Tel: 1-88-VECTRON-1
Website: www.vectron.com


Similar Part No. - VXM4

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VXM4 VECTRON-VXM4_07 Datasheet
101Kb / 2P
VXM4 Ultra Miniature SMD Crystals
More results

Similar Description - VXM4

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VXM1 VECTRON-VXM1 Datasheet
96Kb / 2P
VXM1 Ultra Miniature SMD Crystals
VXM2 VECTRON-VXM2 Datasheet
65Kb / 2P
VXM2 Ultra Miniature SMD Crystals
VXM5 VECTRON-VXM5 Datasheet
63Kb / 2P
VXM5 Ultra Miniature SMD Crystals
logo
Abracon Corporation
ABU ABRACON-ABU Datasheet
384Kb / 1P
COMMUNICATION CRYSTALS ULTRA MINIATURE
logo
AEL Crystals Ltd
SXK AEL-SXK Datasheet
138Kb / 1P
Ultra-Miniature Ceramic SMD Crystals
logo
Vectron International, ...
VXM2 VECTRON-VXM2_07 Datasheet
102Kb / 2P
VXM2 Ultra Miniature SMD Crystals
VXM1 VECTRON-VXM1_07 Datasheet
99Kb / 2P
VXM1 Ultra Miniature SMD Crystals
VXM4 VECTRON-VXM4_07 Datasheet
101Kb / 2P
VXM4 Ultra Miniature SMD Crystals
VXM5 VECTRON-VXM5_07 Datasheet
104Kb / 2P
VXM5 Ultra Miniature SMD Crystals
logo
Abracon Corporation
ABU ABRACON-ABU_15 Datasheet
1Mb / 1P
COMMUNICATION CRYSTALS ULTRA MINIATURE
09.01.10
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com