Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ETMA30W Datasheet(PDF) 3 Page - CUI INC

Part # ETMA30W
Description  MEDICAL AC-DC POWER SUPPLY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

ETMA30W Datasheet(HTML) 3 Page - CUI INC

  ETMA30W Datasheet HTML 1Page - CUI INC ETMA30W Datasheet HTML 2Page - CUI INC ETMA30W Datasheet HTML 3Page - CUI INC ETMA30W Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
cui.com
date 07/10/2015
│ page 3 of 4
CUI Inc
│ SERIES: ETMA 30W │ DESCRIPTION: MEDICAL AC-DC POWER SUPPLY
DC OUTPUT PLUG OPTIONS / DC CORD
MECHANICAL DRAWING
50 0.5
110 0.5
LED
30 0.5
cord length
MODEL NO.
CABLE GAUGE
CORD LENGTH
ETMA050400UD
18 AWG
720 mm ±50
ETMA090300UD
18 AWG
1,220 mm ±50
ETMA120250UD
18 AWG
1,800 mm ±50
ETMA150200UD
18 AWG
1,800 mm ±50
ETMA180165UD
18 AWG
1,800 mm ±50
ETMA240125UD
18 AWG
1,800 mm ±50
MECHANICAL
parameter
conditions/description
min
typ
max
units
dimensions
110 x 50 x 30 (4.331 x 1.969 x 1.181 inch)
mm
input plug
IEC320 / C8
weight
220
g
units: mm
A
B
C
Unit
P5/P5R
5.5
2.1
9.5
mm
P6/P6R
5.5
2.5
9.5
mm
Right Angle PXR
Standard PX
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com