Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEM1A-S Datasheet(PDF) 3 Page - CUI INC

Part # PEM1A-S
Description  DC-DC CONVERTER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PEM1A-S Datasheet(HTML) 3 Page - CUI INC

  PEM1A-S Datasheet HTML 1Page - CUI INC PEM1A-S Datasheet HTML 2Page - CUI INC PEM1A-S Datasheet HTML 3Page - CUI INC PEM1A-S Datasheet HTML 4Page - CUI INC PEM1A-S Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
cui.com
date 07/08/2021
│ page 3 of 5
CUI Inc
│ SERIES: PEM1A-S │ DESCRIPTION: DC-DC CONVERTER
units: mm
tolerance: X.X = ±0.5 mm
X.XX = ±0.25 mm
PIN CONNECTIONS
PIN
Function
1
+Vin
2
-Vin
5
-Vout
7
+Vout
Side View
Front View
Bottom View
Recommended PCB Layout
Top View
MECHANICAL
parameter
conditions/description
min
typ
max
units
dimensions
19.60 x 7.05 x 10.20
mm
case material
non-conductive black plastic (UL94V-0)
weight
2.7
g
MECHANICAL DRAWING
Additional Resources: Product Page | 3D Model | PCB Footprint



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com