Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PES1-M Datasheet(PDF) 4 Page - CUI INC

Part # PES1-M
Description  DC-DC CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PES1-M Datasheet(HTML) 4 Page - CUI INC

  PES1-M Datasheet HTML 1Page - CUI INC PES1-M Datasheet HTML 2Page - CUI INC PES1-M Datasheet HTML 3Page - CUI INC PES1-M Datasheet HTML 4Page - CUI INC PES1-M Datasheet HTML 5Page - CUI INC PES1-M Datasheet HTML 6Page - CUI INC PES1-M Datasheet HTML 7Page - CUI INC PES1-M Datasheet HTML 8Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
cui.com
CUI Inc
│ SERIES: PES1-M │ DESCRIPTION: DC-DC CONVERTER
date 08/11/2021
│ page 4 of 8
PIN CONNECTIONS
PIN
Function
1
GND
2
Vin
4
0V
5
+Vo
8
NC
units: mm[inch]
tolerance: ±0.25[±0.010]
pin section tolerance: ±0.10[±0.004]
MECHANICAL
parameter
conditions/description
min
typ
max
units
dimensions
single output models: 12.70 x 8.30 x 7.25
dual output models: 15.24 x 8.30 x 7.25
mm
mm
case material
epoxy resin (UL94-V0)
weight
single output models
dual output models
1.6
2.0
g
g
MECHANICAL DRAWING
SINGLE OUTPUT MODELS
NC: No Connection
Additional Resources: Product Page



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com