Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIR698DP Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SIR698DP
Description  N-Channel 100 V (D-S) MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIR698DP Datasheet(HTML) 3 Page - Vishay Siliconix

  SIR698DP Datasheet HTML 1Page - Vishay Siliconix SIR698DP Datasheet HTML 2Page - Vishay Siliconix SIR698DP Datasheet HTML 3Page - Vishay Siliconix SIR698DP Datasheet HTML 4Page - Vishay Siliconix SIR698DP Datasheet HTML 5Page - Vishay Siliconix SIR698DP Datasheet HTML 6Page - Vishay Siliconix SIR698DP Datasheet HTML 7Page - Vishay Siliconix SIR698DP Datasheet HTML 8Page - Vishay Siliconix SIR698DP Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Document Number: 67918
S11-2524-Rev. A, 26-Dec-11
www.vishay.com
3
Vishay Siliconix
SiR698DP
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Output Characteristics
On-Resistance vs. Drain Current and Gate Voltage
Gate Charge
0
2
4
6
8
10
01234
5
67
8
VGS = 10 V thru 6 V
5 V
VDS - Drain-to-Source Voltage (V)
4 V
3 V
0.0
0.1
0.2
0.3
0.4
0.5
0246
8
10
ID - Drain Current (A)
VGS = 10 V
VGS = 6 V
0
2
4
6
8
10
0123456
VDS = 50 V
ID = 2.5 A
Qg - Total Gate Charge (nC)
Transfer Characteristics
Capacitance
On-Resistance vs. Junction Temperature
0
2
4
6
8
10
0123456
TC = 125 °C
- 55 °C
25 °C
VGS - Gate-to-Source Voltage (V)
0
40
80
120
160
200
240
280
320
0
20
100
40
60
80
VDS - Drain-to-Source Voltage (V)
Crss
Coss
Ciss
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
- 50
- 25
0
25
50
75
100
125
150
VGS = 10 V
ID = 2.5 A
TJ - Junction Temperature (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com