Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMS-C191 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # HSMS-C191
Description  Low Profile ChipLED
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSMS-C191 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  HSMS-C191 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HSMS-C191 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HSMS-C191 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HSMS-C191 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSMS-C191 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSMS-C191 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSMS-C191 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSMS-C191 Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Electrical Characteristics
TA = 25°C
Forward Voltage
Reverse Breakdown
Capacitance C
Thermal
VF (Volts)
VR (Volts)
(pF), VF = 0,
Resistance
@ IF = 20 mA
@ IR = 100 µA
f = 1 MHz
R
θJ-PIN = (°C/W)
Part Number
Color
Typ.
Max.
Min.
Typ.
Typ.
HSMS-C191
HER
2.1
2.6
5
5
250
HSMD-C191
Orange
2.2
2.6
5
7
250
HSMY-C191
Yellow
2.1
2.6
5
6
250
HSMG-C191
Green
2.2
2.6
5
9
250
HSMH-C191
AlGaAs
1.8
2.6
5
18
300
Absolute Maximum Ratings
TA = 25°C
Parameter
HSMS/HSMD/HSMY/HSMG-C191
HSMH-C191
Units
DC Forward Current[1]
20
25
mA
Peak Pulsing Current[2]
100
100
mA
Power Dissipation
52
65
mW
Reverse Voltage (IR = 100 µA)
5
5
V
LED Junction Temperature
95
95
°C
Operating Temperature Range
–30 to +85
–30 to +85
°C
Storage Temperature Range
–40 to +85
–40 to +85
°C
Soldering Temperature
See IR soldering profile (Figure 6)
Notes:
1. Derate linearly as shown in Figure 4.
2. Pulse condition of 1/10 duty and 0.1 msec width.
Optical Characteristics
TA = 25°C
Luminous
Color,
Viewing
Intensity
Peak
Dominant
Angle
Iv (mcd)
Wavelength
Wavelength
2
θ1/2
Part
@ 20 mA[1]
λpeak (nm)
λd[2] (nm)
Degrees[3]
Number
Color
Min.
Typ.
Typ.
Typ.
Typ.
HSMS-C191
HER
2.50
10.0
630
626
170
HSMD-C191
Orange
2.50
8.0
605
604
170
HSMY-C191
Yellow
2.50
8.0
589
586
170
HSMG-C191
Green
4.00
15.0
570
572
170
HSMH-C191
AlGaAs
6.30
17.0
660
639
170
Notes:
1. The luminous intensity Iv is measured at the peak of the spatial radiation pattern which may not be aligned with the mechanical axis of the lamp
package.
2. The dominant wavelength
λd is derived from the CIE Chromaticity Diagram and represents the perceived color of the device.
3.
θ1/2 is the off-axis angle where the luminous intensity is 1/2 the peak intensity.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com