Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HVB350BYP Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HVB350BYP
Description  Silicon Epitaxial Planar Variable Capacitance Diode for VCO
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HVB350BYP Datasheet(HTML) 3 Page - Renesas Technology Corp

  HVB350BYP Datasheet HTML 1Page - Renesas Technology Corp HVB350BYP Datasheet HTML 2Page - Renesas Technology Corp HVB350BYP Datasheet HTML 3Page - Renesas Technology Corp HVB350BYP Datasheet HTML 4Page - Renesas Technology Corp HVB350BYP Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
HVB350BYP
Rev.1.00 Jan 11, 2005 page 3 of 4
Main Characteristic
016
20
10
-6
10
-8
10
-10
48
12
10
-13
10
-12
10
-11
10
-7
10
-9
0.1
1.0
10
30
25
20
10
5
15
0
f=1MHz
1.0
10
0
0.1
0.2
0.3
0.4
0.5
0.5
30
f=470MHz
0.1
1.0
10
-1.5
-1.0
-0.5
0
Reverse voltage VR (V)
Fig.3 Series resistance vs. Reverse voltage
Reverse voltage VR (V)
Fig.2 Capacitance vs. Reverse voltage
Reverse voltage VR (V)
Fig.4 LF vs. Reverse voltage
Reverse voltage VR (V)
Fig.1 Reverse current vs. Reverse voltage



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com