Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTMTS002N08MC Datasheet(PDF) 2 Page - ON Semiconductor

Part # NTMTS002N08MC
Description  MOSFET - Power, Single N-Channel, DFNW8 80 V, 2 m, 229 A
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTMTS002N08MC Datasheet(HTML) 2 Page - ON Semiconductor

  NTMTS002N08MC Datasheet HTML 1Page - ON Semiconductor NTMTS002N08MC Datasheet HTML 2Page - ON Semiconductor NTMTS002N08MC Datasheet HTML 3Page - ON Semiconductor NTMTS002N08MC Datasheet HTML 4Page - ON Semiconductor NTMTS002N08MC Datasheet HTML 5Page - ON Semiconductor NTMTS002N08MC Datasheet HTML 6Page - ON Semiconductor NTMTS002N08MC Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
NTMTS002N08MC
www.onsemi.com
2
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise specified)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−to−Source Breakdown Voltage
V(BR)DSS
VGS = 0 V, ID = 250 mA
80
V
Drain−to−Source Breakdown Voltage
Temperature Coefficient
V(BR)DSS/
TJ
ID = 250 mA, ref to 25°C
68
mV/°C
Zero Gate Voltage Drain Current
IDSS
VGS = 0 V,
VDS = 80 V
TJ = 25°C
1
mA
TJ = 125°C
250
Gate−to−Source Leakage Current
IGSS
VDS = 0 V, VGS = ±20 V
±100
nA
ON CHARACTERISTICS (Note 3)
Gate Threshold Voltage
VGS(TH)
VGS = VDS, ID = 540 mA
2.0
2.7
4.0
V
Negative Threshold Temperature Coefficient
VGS(TH)/TJ
ID = 540 mA, ref to 25°C
−7.9
mV/°C
Drain−to−Source On Resistance
RDS(on)
VGS = 10 V
ID = 90 A
1.3
2.0
mW
Drain−to−Source On Resistance
RDS(on)
VGS = 6 V
ID = 48 A
1.8
5.1
mW
Forward Transconductance
gFS
VDS = 5 V, ID = 90 A
214
S
Gate Resistance
RG
TA = 25°C
0.8
W
CHARGES, CAPACITANCES & GATE RESISTANCE
Input Capacitance
CISS
VGS = 0 V, f = 1 MHz, VDS = 40 V
6350
8900
pF
Output Capacitance
COSS
2100
3000
Reverse Transfer Capacitance
CRSS
93
130
Total Gate Charge
QG(TOT)
VGS = 10 V, VDS = 40 V; ID = 90 A
89
125
nC
Threshold Gate Charge
QG(TH)
16
22
Gate−to−Source Charge
QGS
25
Gate−to−Drain Charge
QGD
19
Output Charge
QOSS
117
Sync Charge
Qsync
72
Plateau Voltage
Vplateau
4
V
SWITCHING CHARACTERISTICS, VGS = 10 V (Note 3)
Turn−On Delay Time
td(ON)
VGS = 10 V, VDS = 40 V,
ID = 90 A, RG = 6 W
26
ns
Rise Time
tr
20
Turn−Off Delay Time
td(OFF)
65
Fall Time
tf
29
DRAIN−SOURCE DIODE CHARACTERISTICS
Forward Diode Voltage
VSD
VGS = 0 V, IS = 2 A
0.7
1.2
V
VGS = 0 V, IS = 90 A
0.8
1.3
Reverse Recovery Time
tRR
IF = 45 A, di/dt = 300 A/ms
34
54
ns
Reverse Recovery Charge
QRR
71
114
Reverse Recovery Time
tRR
IF = 45 A, di/dt = 1000 A/ms
27
43
Reverse Recovery Charge
QRR
177
283
nC
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
3. Switching characteristics are independent of operating junction temperatures.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com