Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM8563 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CM8563
Description  1.5A LINEAR BUS TERMINATION REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CM8563 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CM8563 Datasheet HTML 1Page - List of Unclassifed Manufacturers CM8563 Datasheet HTML 2Page - List of Unclassifed Manufacturers CM8563 Datasheet HTML 3Page - List of Unclassifed Manufacturers CM8563 Datasheet HTML 4Page - List of Unclassifed Manufacturers CM8563 Datasheet HTML 5Page - List of Unclassifed Manufacturers CM8563 Datasheet HTML 6Page - List of Unclassifed Manufacturers CM8563 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
CM8563
1.5A LINEAR BUS TERMINATION REGULATOR
GENERAL DESCRIPTION
FEATURES
Ideal for DDR-I and DDR-II
8-pin SOIC package
Source and sink up to 1.5A, no heat sink required
Integrated power MOSFETs
No external resistors required
Minimum external components
The CM8563 is a low cost linear regulator designed to provide
a desired output voltage or termination voltage for various
applications. The device contains a high-speed operational
amplifier to provide excellent response to load transients.
The CM8563 is capable of sourcing or sinking up to 1.5A, and
peaks up to 3A of current while regulating an output VOUT
voltage to meet the JEDEC SSTL-2 and SSTL-3
specification. .
The CM8563 also incorporates a VFB pin to provide superior
load regulation and a VREF output as a reference for the
chipset and DDR DIMMS.
The CM8563 provides low profile 8-pin SOIC package to save
system space.
APPLICATIONS
PIN CONFIGURATION
Mother Board
PCI/AGP Graphics
DDR Termination Voltage (SSTL-2 & SSTL-3)
SOP-8 (S08)
Top View
1
2
3
4
8
7
6
5
PG
GND
VFB
VREF
VOUT
VIN
VCCA
VDDQ
TYPICAL APPLICATION
U1
CM8563
PG
VDDQ
VCCA
VIN
GND
VFB
VOUT
VREF
VREF = 1.25V
PG
220uF
0.1uF
VDDQ = 2.5V
50uF
VCCA = 2.5V
VOUT = 1.25V
2003/03/28
Champion Microelectronic Corporation
Page 1


Similar Part No. - CM8563

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CM8560 ETC1-CM8560 Datasheet
193Kb / 5P
3A SINK AND SOURCE ADJUSTABLE LINEAR BUS TERMINATOR
CM8560GIN263 ETC1-CM8560GIN263 Datasheet
193Kb / 5P
3A SINK AND SOURCE ADJUSTABLE LINEAR BUS TERMINATOR
CM8560IN263 ETC1-CM8560IN263 Datasheet
193Kb / 5P
3A SINK AND SOURCE ADJUSTABLE LINEAR BUS TERMINATOR
CM8561 ETC-CM8561 Datasheet
119Kb / 5P
1.5A SINK & SOURCE ADJUSTABLE LINEAR BUS TERMINATOR
logo
Champion Microelectroni...
CM8561 CHAMP-CM8561 Datasheet
144Kb / 5P
1.5A SINK & SOURCE ADJUSTABLE LINEAR BUS TERMINATOR
More results

Similar Description - CM8563

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN1654 FAIRCHILD-FAN1654 Datasheet
80Kb / 7P
1.5A LDO, DDR Bus Termination Regulator
logo
Advanced Power Electron...
AP1250GM A-POWER-AP1250GM Datasheet
104Kb / 5P
1.5A / 3A Bus Termination Regulator
logo
Richtek Technology Corp...
RT9173 RICHTEK-RT9173 Datasheet
198Kb / 10P
1.5A/3A Bus Termination Regulator
logo
Unisonic Technologies
UR5515 UTC-UR5515 Datasheet
228Kb / 8P
1.5A/3A BUS TERMINATION REGULATOR
logo
BCD Semiconductor Manuf...
AP2301 BCDSEMI-AP2301 Datasheet
160Kb / 12P
1.5A DDR TERMINATION REGULATOR
logo
Eutech Microelectronics...
EUP7996 EUTECH-EUP7996 Datasheet
316Kb / 10P
1.5A DDR Termination Regulator
logo
Silicon Standard Corp.
SS6383 SSC-SS6383 Datasheet
745Kb / 7P
1.5A DDR Termination Regulator
logo
Winbond
W83310DS-A WINBOND-W83310DS-A Datasheet
644Kb / 15P
Bus Termination Regulator
logo
E-Tech Electronics LTD
UR5515 ETL-UR5515 Datasheet
316Kb / 8P
1.5A/3A BUS TERMINATION REGULATOR
logo
SHANGHAI BELLING CO., L...
BL8071 BELLING-BL8071 Datasheet
947Kb / 5P
1.5A Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com