Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFS4227PBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRFS4227PBF
Description  PDP SWITCH
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFS4227PBF Datasheet(HTML) 1 Page - International Rectifier

  IRFS4227PBF Datasheet HTML 1Page - International Rectifier IRFS4227PBF Datasheet HTML 2Page - International Rectifier IRFS4227PBF Datasheet HTML 3Page - International Rectifier IRFS4227PBF Datasheet HTML 4Page - International Rectifier IRFS4227PBF Datasheet HTML 5Page - International Rectifier IRFS4227PBF Datasheet HTML 6Page - International Rectifier IRFS4227PBF Datasheet HTML 7Page - International Rectifier IRFS4227PBF Datasheet HTML 8Page - International Rectifier IRFS4227PBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
www.irf.com
1
9/27/05
IRFS4227PbF
Notes
 through † are on page 8
Description
This HEXFET® Power MOSFET is specifically designed for Sustain, Energy Recovery & Pass switch
applications in Plasma Display Panels. This MOSFET utilizes the latest processing techniques to achieve
low on-resistance per silicon area and low EPULSE rating. Additional features of this MOSFET are 175°C
operating junction temperature and high repetitive peak current capability. These features combine to
make this MOSFET a highly efficient, robust and reliable device for PDP driving applications.
PD - 97037
S
D
G
PDP SWITCH
GD
S
Gate
Drain
Source
D2Pak
D
S
D
G
* RθJC (end of life) for D2Pak and TO-262 = 0.65°C/W. This is the maximum measured value after 1000 temperature
cycles from -55 to 150°C and is accounted for by the physical wearout of the die attach medium.
Absolute Maximum Ratings
Parameter
Units
VGS
Gate-to-Source Voltage
V
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
A
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
IDM
Pulsed Drain Current
c
IRP @ TC = 100°C
Repetitive Peak Current
g
PD @TC = 25°C
Power Dissipation
W
PD @TC = 100°C
Power Dissipation
Linear Derating Factor
W/°C
TJ
Operating Junction and
°C
TSTG
Storage Temperature Range
Soldering Temperature for 10 seconds
Mounting Torque, 6-32 or M3 Screw
N
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
f
–––
0.45*
RθJA
Junction-to-Ambient (PCB Mounted)
fh
–––
40
Max.
44
260
62
±30
130
300
-40 to + 175
10lb
xin (1.1Nxm)
330
190
2.2
VDS max
200
V
VDS (Avalanche) typ.
240
V
RDS(ON) typ. @ 10V
22
m
:
IRP max @ TC= 100°C
130
A
TJ max
175
°C
Key Parameters
Features
l
Advanced Process Technology
l
Key Parameters Optimized for PDP Sustain,
Energy Recovery and Pass Switch Applications
l
Low EPULSE Rating to Reduce Power
Dissipation in PDP Sustain, Energy Recovery
and Pass Switch Applications
l
Low QG for Fast Response
l
High Repetitive Peak Current Capability for
Reliable Operation
l
Short Fall & Rise Times for Fast Switching
l
175°C Operating Junction Temperature for
Improved Ruggedness
l
Repetitive Avalanche Capability for Robustness
and Reliability


Similar Part No. - IRFS4227PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFS4227PBF IRF-IRFS4227PBF Datasheet
363Kb / 10P
Advanced Process Technology
IRFS4227PBF IRF-IRFS4227PBF Datasheet
363Kb / 10P
Advanced Process Technology
IRFS4227PBF IRF-IRFS4227PBF_15 Datasheet
363Kb / 10P
Advanced Process Technology
More results

Similar Description - IRFS4227PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGP4050 IRF-IRGP4050 Datasheet
282Kb / 8P
PDP Switch
IRFB4227PBF IRF-IRFB4227PBF Datasheet
294Kb / 8P
PDP SWITCH
IRFI4227PBF IRF-IRFI4227PBF Datasheet
297Kb / 8P
PDP SWITCH
IRFB4228PBF IRF-IRFB4228PBF Datasheet
680Kb / 8P
PDP SWITCH
IRFB4229PBF IRF-IRFB4229PBF Datasheet
229Kb / 8P
PDP SWITCH
IRFB4332PBF IRF-IRFB4332PBF Datasheet
310Kb / 8P
PDP SWITCH
IRFS4229PBF IRF-IRFS4229PBF Datasheet
239Kb / 9P
PDP SWITCH
IRFP4332PBF IRF-IRFP4332PBF Datasheet
306Kb / 8P
PDP SWITCH
IRFI4229PBF IRF-IRFI4229PBF Datasheet
685Kb / 8P
PDP SWITCH
IRFP4229PBF IRF-IRFP4229PBF Datasheet
282Kb / 8P
PDP SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com