Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SWI15-N Datasheet(PDF) 1 Page - CUI INC

Part # SWI15-N
Description  AC-DC POWER SUPPLY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

SWI15-N Datasheet(HTML) 1 Page - CUI INC

  SWI15-N Datasheet HTML 1Page - CUI INC SWI15-N Datasheet HTML 2Page - CUI INC SWI15-N Datasheet HTML 3Page - CUI INC SWI15-N Datasheet HTML 4Page - CUI INC SWI15-N Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
cui.com
date 04/26/2021
page 1 of 5
SERIES: SWI15-N
│ DESCRIPTION: AC-DC POWER SUPPLY
MODEL
output
voltage
output
current
output
power
ripple
and noise1
efficiency
level
(Vdc)
max
(A)
max
(W)
max
(mVp-p)
SWI15-5-N
5
2
10
50
VI
SWI15-9-N
9
1.4
12.6
90
VI
SWI15-12-N
12
1
12
100
VI
SWI15-15-N
15
1
15
100
VI
SWI15-24-N
24
0.63
15.1
100
VI
Notes:
1. At full load, nominal input, 20 MHz bandwidth oscilloscope, output terminated with 0.1 µF ceramic and 10 µF electrolytic capacitors.
2. All specifications are measured at Ta=25°C, nominal input voltage, and 75% rated output load unless otherwise specified.
FEATURES
• compact design
• up to 15 W continuous power
• DoE Level VI compliant
• no load power consumption < 0.075 W
• universal input voltage range
• over voltage, over current, and short circuit protections
• UL/cUL and PSE safety approvals
• Class II construction
• IEC 62368 compliant
PART NUMBER KEY
Base Number
Reserved for Custom
Configurations
SWI15 - XX - N - XXX - CXX
Output Voltage
AC Input Type:
North America
DC Plug Type:
XXX = See output plug options
on page 4 for more details
Additional Resources: Product Page | 3D Model


Similar Part No. - SWI15-N

ManufacturerPart #DatasheetDescription
logo
CUI INC
SWI15-N CUI-SWI15-N Datasheet
436Kb / 4P
over voltage, over current, and short circuit protections
More results

Similar Description - SWI15-N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CH0018 ETC2-CH0018 Datasheet
229Kb / 1P
AC/DC Power Supply
logo
CUI INC
VOF-6 CUI-VOF-6_11 Datasheet
239Kb / 5P
AC-DC POWER SUPPLY
VOF-10 CUI-VOF-10_11 Datasheet
208Kb / 5P
AC-DC POWER SUPPLY
VOF-25 CUI-VOF-25_11 Datasheet
265Kb / 5P
AC-DC POWER SUPPLY
VOF-45 CUI-VOF-45_11 Datasheet
237Kb / 5P
AC-DC POWER SUPPLY
VGD-30-D512 CUI-VGD-30-D512 Datasheet
313Kb / 4P
AC-DC POWER SUPPLY
VFM40-D512 CUI-VFM40-D512_12 Datasheet
253Kb / 4P
AC-DC POWER SUPPLY
VSK-S20-3R3U CUI-VSK-S20-3R3U Datasheet
155Kb / 4P
AC-DC POWER SUPPLY
VSK-S10-3R3UA-T CUI-VSK-S10-3R3UA-T Datasheet
370Kb / 5P
AC-DC POWER SUPPLY
VOF-80 CUI-VOF-80_12 Datasheet
250Kb / 5P
AC-DC POWER SUPPLY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com