Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VGS-100 Datasheet(PDF) 2 Page - CUI INC

Part # VGS-100
Description  AC-DC POWER SUPPLY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VGS-100 Datasheet(HTML) 2 Page - CUI INC

  VGS-100 Datasheet HTML 1Page - CUI INC VGS-100 Datasheet HTML 2Page - CUI INC VGS-100 Datasheet HTML 3Page - CUI INC VGS-100 Datasheet HTML 4Page - CUI INC VGS-100 Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
cui.com
date
08/22/2012 │ page 2 of 5
CUI Inc
│ SERIES: VGS-100 │ DESCRIPTION: AC-DC POWER SUPPLY
INPUT
parameter
conditions/description
min
nom
max
units
voltage range
88
125
264
373
Vac
Vdc
frequency range
50
60
Hz
current
at 115 Vac, cold start
at 230 Vac, cold start
2.5
1.4
A
A
inrush current
at 230 Vac, full load, cold start
40
A
OUTPUT
parameter
conditions/description
min
nom
max
units
voltage adjust
±10
voltage tolerance
3.3 V models
5 V models
all other models
±3
±2
±1
%
%
%
line regulation
low line to high line
±0.5
%
load regulation
3.3 V models
5 V models
all other models
±2.0
±1.0
±0.5
%
%
%
start-up time
at 115 Vac, cold start
at 230 Vac, cold start
1.0
0.8
s
s
rise time
at 115 Vac, cold start
at 230 Vac, cold start
65
50
ms
ms
hold-up time
at 115 Vac, cold start
at 230 Vac, cold start
10
32
ms
ms
SAFETY & COMPLIANCE
parameter
conditions/description
min
nom
max
units
isolation voltage
input to output:
input to case:
output to case:
4,242
2,121
707
Vdc
Vdc
Vdc
safety approvals
UL 60950-1 / TUV EN 60950-1
EMI/EMC
EN 55022 : 1998+A1 : 2000+A2 : 2003 Class B, EN 61000-3-2 : 2000+A2 : 2005 Class A, EN 61000-
3-3 : 1995+A1 : 2001, EN 61204-3 : 2000 EN 50204 1998+A1 : 2001+A2 : 2003 light industry level,
criteria A
leakage current
measured per IEC 60950-1, paragraph 5.1,
test voltage of 240 Vac/60 Hz
2mA
RoHS compliant
yes
MTBF
at 230 Vac, MIL-HDBK-217F 25 °C ambient
620,300
hrs
ENVIRONMENTAL
parameter
conditions/description
min
nom
max
units
operating temperature
see derating curve
-20
70
°C
storage temperature
see derating curve
-40
85
°C
relative humidity
non-condensing operating
20
90
%
temperature coefficient
(0 ~ 50°C)
0.3
%/°C
vibration
(10 ~ 500 Hz, 1 hour per axis, 3 hours total)
5
Grms
For more information, please visit the product page.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com