Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

536979 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 536979
Description  Branching module
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

536979 Datasheet(HTML) 1 Page - Festo Corporation.

  536979 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Branching module
MS6N-FRM-1/2-I
Part number: 536979
Data sheet
Feature
Value
Mounting position
Any
Structural design
Branching module
with non-return function
Symbol
00991511
Operating pressure
0 bar ... 20 bar
Standard nominal flow rate in main flow direction 1 -> 2
6000 l/min
Standard nominal flow rate outlet at top
3100 l/min
Standard nominal flow rate outlet down
3300 l/min
Operating voltage range AC
0 V ... 250 V
DC operating voltage range
0 V ... 125 V
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Inert gas
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Corrosion resistance class (CRC)
2 - Moderate corrosion stress
Storage temperature
-10 °C ... 60 °C
For use in the food industry
See supplementary material information
Temperature of medium
-10 °C ... 60 °C
Ambient temperature
-10 °C ... 60 °C
Product weight
400 g
Pneumatic connection 1
1/2 NPT
Pneumatic connection 2
1/2 NPT
Pneumatic connection 3
1/2 NPT
Pneumatic connection 4
1/2 NPT
Note on materials
RoHS-compliant
Housing material
Die-cast aluminum
4/4/22 - Subject to change - Festo SE & Co. KG
1/1


Similar Part No. - 536979

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
536971 FESTO-536971 Datasheet
82Kb / 1P
Branching module
4/1/22
536975 FESTO-536975 Datasheet
83Kb / 1P
Branching module
4/1/22
536976 FESTO-536976 Datasheet
82Kb / 1P
Branching module
4/1/22
536977 FESTO-536977 Datasheet
84Kb / 1P
Branching module
4/4/22
536978 FESTO-536978 Datasheet
85Kb / 1P
Branching module
4/4/22
More results

Similar Description - 536979

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
529557 FESTO-529557 Datasheet
78Kb / 1P
Branching module
4/1/22
531956 FESTO-531956 Datasheet
78Kb / 1P
Branching module
4/1/22
536969 FESTO-536969 Datasheet
83Kb / 1P
Branching module
4/1/22
536980 FESTO-536980 Datasheet
83Kb / 1P
Branching module
4/1/22
531971 FESTO-531971 Datasheet
79Kb / 1P
Branching module
4/4/22
531972 FESTO-531972 Datasheet
78Kb / 1P
Branching module
4/4/22
536983 FESTO-536983 Datasheet
85Kb / 1P
Branching module
4/4/22
541682 FESTO-541682 Datasheet
85Kb / 1P
Branching module
4/4/22
564145 FESTO-564145 Datasheet
86Kb / 1P
Branching module
4/4/22
564148 FESTO-564148 Datasheet
87Kb / 1P
Branching module
4/4/22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com