Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP485 Datasheet(PDF) 6 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # SP485
Description  RS-485 RS422 Transceiver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

SP485 Datasheet(HTML) 6 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Back Button SP485 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd SP485 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd SP485 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd SP485 Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd SP485 Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd SP485 Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd SP485 Datasheet HTML 8Page - Shanghai Leiditech Electronic Technology Co., Ltd SP485 Datasheet HTML 9Page - Shanghai Leiditech Electronic Technology Co., Ltd SP485 Datasheet HTML 10Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Continued from the previous page....
Infinite slope function
Drive input to input
Out of the delay
tDPLH
RDIFF=54 Ω,CL1=CL2=100pF(2)
34
60
ns
Drive input to input
Out of the delay
tDPHL
34
60
|tDPLH-tDPHL|
tDSKEW
-2.5
ns
Drive up and down
Time
tDR, tDF
14
25
ns
Maximum data
transfer rate
fMAX
2
Mbps
Drive enable delay
tDZH
CL=100pF,S2 CLOSED(3)
150
ns
Drive enable delay
tDZL
CL=100pF,S1 CLOSED(3)
150
ns
Drive shutdown
delay
tDLZ
CL=15pF,S1 CLOSED(3)
100
ns
Drive shutdown
delay
tDHZ
CL=15pF,S2 CLOSED(3)
100
ns
Receiver input and
output
Delay
tRPLH
| VID|≥2.0V
Rise and fall time ≤ 15ns(4).
106 150
ns
Receiver input and
output
Delay
tRPHL
106 150
ns
|tRPLH-tRPHL|
tRSKD
| VID|≥2.0V
Rise and fall time ≤ 15ns(4).
0
±10
ns
Receiver enable
delay
tRZL
CL=100pF,S1 CLOSED(5)
20
50
ns
Receiver enable
delay
tRZH
CL=100pF,S2 CLOSED(5)
20
50
ns
Receiver shutdown
delay
tRLZ
CL=100pF,S1 CLOSED(5)
20
50
ns
Receiver shutdown
delay
tRHZ
CL=100pF,S2 CLOSED(5)
20
50
ns
Shutdown mode
enable time
tSHDN
50 200 600
ns
Drive wake delay
tDZH(SHDN) CL=15pF,S2 CLOSED(3)
250
ns
Drive wake delay
tDZL(SHDN) CL=15pF,S1 CLOSED(3)
250
ns
Receiver wake-up
delay
tRZH(SHDN) CL=100pF,S2 CLOSED(5)
3500
ns
Receiver wake-up
delay
tRZL(SHDN) CL=100pF,S1 CLOSED(5)
3500
ns
concentrate:
(1) The test circuit is shown in Figure 1
(2) The test line is shown in Figure 2
(3) The test circuit is shown in Figure 3
(4) The test circuit is shown in Figure 4
(5) The test line is shown in Figure 5
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
RDIFF=54 Ω,CL1=CL2=100pF(2)
RDIFF=54 Ω,CL1=CL2=100pF(2)
RDIFF=54 Ω,CL1=CL2=100pF(2)
SP485
www.leiditech.com
Rev 1.6 :01.01.2022
6/10
±10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com