Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KC-058 Datasheet(PDF) 3 Page - Socay Electornics Co., Ltd.

Part # KC-058
Description  Radial Lead Transient Voltage Suppressors (TVS)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

KC-058 Datasheet(HTML) 3 Page - Socay Electornics Co., Ltd.

  KC-058 Datasheet HTML 1Page - Socay Electornics Co., Ltd. KC-058 Datasheet HTML 2Page - Socay Electornics Co., Ltd. KC-058 Datasheet HTML 3Page - Socay Electornics Co., Ltd. KC-058 Datasheet HTML 4Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Radial Lead Transient Voltage Suppressors (TVS)
Revision November 26, 2020
3 / 4
@ SOCAY Electronics Corp., Ltd. 2020
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
KC Series
SOCAY Electronics Corp., Ltd.
www.socay.com
Weight
Contact manufacturer
Case
Epoxy encapsulated
Terminal
Silver plated leads, solderable per MIL-STD-750, Method 2026
Reflow Condition
Lead–free assembly
Pre Heat
-Temperature Min (Ts(min))
150°C
-Temperature Max (Ts(max))
200°C
- Time (min to max) (Ts)
60 -180 Seconds
Average ramp up rate ( Liquidus Temp TL)
to peak
3°C/second max
TS(max) to TL - Ramp-up Rate
3°C/second max
Reflow
- Temperature (TL) (Liquidus) 217°C
- Time (min to max) (TL)
60 -150 Seconds
Peak Temperature (TP)
260 +0/-5°C
Time within 5°C of actual peak
Temperature (tp)
20 -40 Seconds
Peak Temperature :
265°C
Ramp-down Rate
6°C/second max
Dipping Time :
10 seconds
Time 25°C to peak Temperature (TP)
8 minutes Max
Soldering :
1 time
Do not exceed
280°C
Ramp-down
Preheat
Critical Zone
TL to TP
Time to peak temperature
(t 25℃ to peak)
TP
TL
TS(max)
TS(min)
25
Ramp-up
Time
Ratings and Characteristic Curves (TA=25°C unless otherwise noted) (Continued)
Soldering Parameters
Physical Specifications
Flow/Wave Soldering (Solder Dipping)
Ratings and Characteristic Curves (TA=25°C unless otherwise noted)
Pulse Derating Curve
0
25
50
75
100 125 150
175
200
100
80
60
40
20
0
TA-Ambient temperature(°C)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com