Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VHB50W Datasheet(PDF) 2 Page - CUI INC

Part # VHB50W
Description  DC-DC CONVERTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VHB50W Datasheet(HTML) 2 Page - CUI INC

  VHB50W Datasheet HTML 1Page - CUI INC VHB50W Datasheet HTML 2Page - CUI INC VHB50W Datasheet HTML 3Page - CUI INC VHB50W Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
cui.com
CUI Inc
│ SERIES: VHB50W │ DESCRIPTION: DC-DC CONVERTER
date 04/01/2013
│ page 2 of 4
INPUT
parameter
conditions/description
min
typ
max
units
operating input voltage
24 V input
48 V input
9
18
24
48
36
75
Vdc
Vdc
under voltage lockout
power up
power down
24 V input
48 V input
24 V input
48 V input
8.8
17
8
16
Vdc
Vdc
Vdc
Vdc
positive logic remote on/off1
filter
PI type
Notes:
1. logic compatibility, open collector ref to -input
Module ON, >3.5 Vdc or open circuit
Module OFF, <1.8 Vdc
OUTPUT
parameter
conditions/description
min
typ
max
units
line regulation
measured from high line to low line
±0.2
%
load regulation
measured from full load to zero load
±0.2
%
voltage accuracy
±1
%
transient response
25% step load change
500
µs
adjustability2
±10
%
switching frequency
100% load, input voltage range
300
kHz
temperature coefficient
±0.03
%/°C
Notes:
2. trim-up: connect a resistor between the trim pin and -Sense
trim-down: connect a resistor between the trim pin and +Sense
PROTECTIONS
parameter
conditions/description
min
typ
max
units
over voltage protection
%Vo
115
140
%
short circuit protection
continuous
current limit
% nominal output current
110
160
%
thermal shutdown case temp.
100
°C
SAFETY AND COMPLIANCE
parameter
conditions/description
min
typ
max
units
isolation voltage
input to output
input to case
output to case
1,500
1,500
1,500
Vdc
Vdc
Vdc
isolation resistance
10
MΩ
isolation capacitance
1,000
pF
safety approvals
UL 60950-1
RoHS compliant
yes
Additional Resources: Product Page | 3D Model | PCB Footprint



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com