Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4281 Datasheet(PDF) 3 Page - Analog Devices

Part # LTC4281
Description  High Current Hot Swap Controller with Current Monitor Output
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4281 Datasheet(HTML) 3 Page - Analog Devices

  LTC4281 Datasheet HTML 1Page - Analog Devices LTC4281 Datasheet HTML 2Page - Analog Devices LTC4281 Datasheet HTML 3Page - Analog Devices LTC4281 Datasheet HTML 4Page - Analog Devices LTC4281 Datasheet HTML 5Page - Analog Devices LTC4281 Datasheet HTML 6Page - Analog Devices LTC4281 Datasheet HTML 7Page - Analog Devices LTC4281 Datasheet HTML 8Page - Analog Devices LTC4281 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LT4239
3
Rev. 0
For more information www.analog.com
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 12V, IBOOST = 0V, RDRAIN = 100kΩ, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX UNITS
Supplies
VCC
Input Supply Range
l
4
20
V
ICC
Input Supply Current
VCC = 4V to 13.2V
l
0.6
1
mA
VCC(UVL)
VCC Undervoltage Lockout
VCC Rising
l
3.3
3.6
3.8
V
∆VCC(HYST)
VCC Undervoltage Lockout Hysteresis
100
mV
Circuit Breaker and Current Limit
∆VSENSE2(CB)
Circuit Breaker Trip Threshold
(VSENSE2 – VOUTK)
IBOOST = 0V, OUT = VCC
IBOOST = 3V, OUT = VCC
l
l
9.5
19
10
20
10.5
21
mV
mV
∆VSENSE2(ACL)
Analog Current Limit Threshold
(VSENSE2 – VOUTK)
IBOOST = 0V
IBOOST = 3V
l
l
13
26
15
30
17
34
mV
mV
∆VSENSE2(FAST)
Fast Comparator Trip Threshold
(VSENSE2 – VOUTK)
IBOOST = 0V
IBOOST = 3V
l
l
30
60
40
80
50
100
mV
mV
∆VSENSE1(ACL)
Analog Current Limit Threshold
(VSENSE1 – VOUTK)
l
45
50
55
mV
ISENSE1
SENSE1 Current
SENSE1 = SENSE2 = OUTK = 12V
l
20
50
100
µA
ISENSE2
SENSE2 Current
SENSE1 = SENSE2 = OUTK = 12V
l
20
70
140
µA
IOUTK
OUTK Current
SENSE1 = SENSE2 = OUTK = 12V
l
40
100
200
µA
IOUT
OUT Current
OUT = 12V
l
0.1
0.45
1
mA
Gate Drive
∆VGATE
Gate Drive
IGATE1 = 0, –1µA
l
10
12
14
V
IGATE2 = 0, –5µA
l
10
12
14
V
∆VGATE(TH)
Gate Threshold for Start-Up and Power
Good
l
10
V
IGATE1(UP)
Gate Pull-Up Current
Gate Drive On, ∆VGATE1 = 0V
l
–7
–10
–13
µA
IGATE2(UP)
Gate Pull-Up Current
Gate Drive On, ∆VGATE2 = 0V
l
–35
–50
–65
µA
IGATE1(DN)
Gate Off Pull-Down Current
Gate Drive Off, OUT=12V, ∆VGATE1 = 10V
l
5
10
25
mA
IGATE2(DN)
Gate Off Pull-Down Current (UV Turn-Off)
(Overcurrent Fault)
Gate Drive Off, OUT=12V, ∆VGATE2 = 10V
Gate Drive Off, OUT=12V, ∆VGATE2 = 10V
l
l
5
30
10
50
25
70
mA
mA
IGATE1(FPD)
Gate Fast Pull-Down Current
Fast Turn-Off, OUT=12V, ∆VGATE1 = 10V
l
50
130
300
mA
IGATE2(FPD)
Gate Fast Pull-Down Current
Fast Turn-Off, OUT=12V, ∆VGATE2 = 10V
l
0.3
0.6
1.5
A
Comparator Inputs
∆VDS1
Voltage to Enable GATE2 Start-Up
(VCC – VOUTK)
Falling
l
0.8
1
1.3
V
∆VDS2
Voltage to Start Power Good Delay
(VCC – VOUTK)
Falling
l
80
100
130
mV
∆VDS(FET-BAD)
FET-Bad Fault Threshold After Power Good
(VCC – VOUTK)
IBOOST = 0V
IBOOST = 3V
l
l
80
160
100
200
120
240
mV
mV
∆VDS(FETSHORT)
FETShort Fault Threshold During
Debounce (VCC – VOUTK)
l
1.1
1.3
1.5
V
VUV(TH)
UV Threshold Voltage
UV Rising
l
1.207
1.232
1.257
V
∆VUV(HYST)
UV Hysteresis
50
mV
VUV(RESET)
UV Fault Reset Threshold Voltage
UV Falling
l
0.45
0.6
0.65
V
VIBOOST(TH)
IBOOST High Threshold Voltage
l
1.6
V
IBOOST Low Threshold Voltage
l
0.8
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com