Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4012 Datasheet(PDF) 1 Page - Analog Devices

Part # LTC4012
Description  Ultra-Low Power Battery Gas Gauge
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4012 Datasheet(HTML) 1 Page - Analog Devices

  LTC4012 Datasheet HTML 1Page - Analog Devices LTC4012 Datasheet HTML 2Page - Analog Devices LTC4012 Datasheet HTML 3Page - Analog Devices LTC4012 Datasheet HTML 4Page - Analog Devices LTC4012 Datasheet HTML 5Page - Analog Devices LTC4012 Datasheet HTML 6Page - Analog Devices LTC4012 Datasheet HTML 7Page - Analog Devices LTC4012 Datasheet HTML 8Page - Analog Devices LTC4012 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
LTC2959
1
Rev. 0
For more information www.analog.com
Document Feedback
TYPICAL APPLICATION
FEATURES
DESCRIPTION
Ultra-Low Power
Battery Gas Gauge
The LTC®2959 is an ultra-low power battery gas gauge
that accurately measures charge, voltage, current and
temperature. Its wide input voltage range and its low
operating current make the LTC2959 suitable for many
applications, including duty-cycled systems that operate
over long lifetime.
A precision coulomb counter integrates current through
an external sense resistor connected at any point in the
battery current path. A 16-bit ADC can be configured to
measure voltage, current, temperature and/or an auxiliary
input in single-shot, duty-cycled (1S/52s) or continuous
mode (2.5kS/s). The measurements are stored in internal
registers accessible via the onboard I2C/SMBus interface.
The LTC2959 features programmable high and low
thresholds and min/max tracking registers. If a threshold
is exceeded, the device sets a flag in the internal status
register and communicates an alert using the SMBus alert
protocol when configured as such.
48V High-Side Sensing Coulomb Counter
Operating Current vs Temperature
APPLICATIONS
n
Operating Supply Current <1.0µA
n
Supply Voltage from 1.8V to 60V
n
0V to 60V Sense Voltage for Low-Side or High-Side
Sensing
n
Fast 16-bit ADC Measures Voltage, Current and
Temperature
n
1% Voltage, Current and Charge Accuracy
n
No Crystal or other Time Reference Required
n
Programmable Deadband Prevents Charge Drift
n
Includes Battery Voltage Watchdog
n
Includes Precision Temperature Sensor
n
Programmable Alerts and Min/Max Tracking
Registers
n
Auxiliary ADC Input for Sensor Readout
n
I2C/SMBus Interface
n
Available in Small 10-Lead 3mm × 2mm DFN
Package
n
Remote Sensors
n
Energy Harvesting Systems
n
Low-Power Handheld Products
n
Power Tools
All registered trademarks and trademarks are the property of their respective owners.
COULOMB COUNTER ON, ADC OFF
VSENSE = 50mV
VSENSE = 0mV
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
0
1
2
3
4
5
6
7
8
9
10
2959 TA01b
CHARGER/LOAD
2k
2k
2k
RSENSE
50m
48V
BATTERY
2959 TA01a
1µF
100nF
470nF
VDD
GND
3.3V
µP
SENSEP
SCL
SDA
GPIO
LTC2959
GND
SENSEN
CFN
CFP
VREG
VDD


Similar Part No. - LTC4012

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4012 LINER-LTC4012 Datasheet
326Kb / 28P
High Effi ciency, Multi-Chemistry Battery Charger with PowerPath Control
LTC4012 LINER-LTC4012 Datasheet
433Kb / 40P
High Voltage High Current Controller for Battery Charging and Power Management
LTC4012 LINER-LTC4012 Datasheet
477Kb / 40P
High Voltage High Current Controller for Battery Charging with Maximum Power Point Control
LTC4012 LINER-LTC4012 Datasheet
332Kb / 24P
Monolithic 4A HIgh Voltage 2-Cell Li-Ion Battery Charger
logo
Analog Devices
LTC4012 AD-LTC4012 Datasheet
1Mb / 48P
35V/3.2A Lead-Acid Step-Down Battery Charger with PowerPath and I2C Telemetry
01/19-REV.B
More results

Similar Description - LTC4012

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4150 LINER-LTC4150 Datasheet
136Kb / 12P
Coulomb Counter/ Battery Gas Gauge
LTC2941 LINER-LTC2941 Datasheet
166Kb / 16P
Battery Gas Gauge with I2C Interface
LTC4150 LINER-LTC4150_1 Datasheet
172Kb / 14P
Coulomb Counter/ Battery Gas Gauge
logo
Silicon Standard Corp.
SS4002AG SSC-SS4002AG Datasheet
967Kb / 23P
Smart Li-Ion Battery Gas Gauge
SS4005G SSC-SS4005G Datasheet
891Kb / 22P
Smart Battery Gas Gauge for e-Bike
logo
Linear Technology
LTC4150 LINER-LTC4150_15 Datasheet
177Kb / 14P
Coulomb Counter/ Battery Gas Gauge
LTC2941 LINER-LTC2941_15 Datasheet
209Kb / 16P
Battery Gas Gauge with IC Interface
logo
Texas Instruments
BQ28550-R1 TI1-BQ28550-R1 Datasheet
1Mb / 42P
Single Cell Li-Ion Battery Gas Gauge
BQ28Z560-R1 TI1-BQ28Z560-R1_14 Datasheet
1Mb / 61P
Single Cell Li-Ion Battery Gas Gauge
BQ34110 TI1-BQ34110 Datasheet
164Kb / 7P
Multi-Chemistry CEDV Battery Gas Gauge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com