Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT8331 Datasheet(PDF) 27 Page - Analog Devices

Part # LT8331
Description  Four-Channel Transimpedance Amplifier with Output Multiplexing
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8331 Datasheet(HTML) 27 Page - Analog Devices

Back Button LT8331 Datasheet HTML 23Page - Analog Devices LT8331 Datasheet HTML 24Page - Analog Devices LT8331 Datasheet HTML 25Page - Analog Devices LT8331 Datasheet HTML 26Page - Analog Devices LT8331 Datasheet HTML 27Page - Analog Devices LT8331 Datasheet HTML 28Page - Analog Devices LT8331 Datasheet HTML 29Page - Analog Devices LT8331 Datasheet HTML 30Page - Analog Devices LT8331 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 34 page
background image
LTC6563
27
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
Figure 12. TIA 75Ω Matched Load Equivalent Circuit
Figure 13. CM Half-Circuit Equivalent Circuit for 75Ω Load
As in the previous cases, for analysis purposes, it is useful
to break the output load circuit into its equivalent half-
circuit to compute how the CM voltage is affected, as
shown in Figure 13.
6563 F12
I1
I2
50
50
RCM
RADC
200
R1
300
R2
300
OUT
OUT
TERM
TERM
LTC6563
VCC
VCC
2 TO
OPEN
RS1
24.9
RS2
24.9
VCC
I1
50
2 • RCM
4 TO
OPEN
OUT
TERM
LTC6563
6563 F13
RS1
24.9
Table 6. CM Minimum Voltage and Other Operating Performance Values for Various ADJ Settings of Figure 11
ADJ1
ADJ0
CM/AVERAGE OUTPUT
CURRENT IO (mA)
RT (kΩ)
ADC FS DIFF VOLTAGE
SWING WITH FULL
TILT (mVP-P)
MIN CM VOLTAGE (mV)
0
0
7
8.3
750
553
0
1
14
16.7
1500
1106
1
0
21
25.0
2250*
1659
1
1
28
33.3
3000*
2212*
*Limited by output voltage compliance
So, in addition to raising the TIA output impedance, RS1
and RS2 also contribute to an increase in the minimum
output CM voltage.
Table 6 shows the computed minimum CM voltage, TIA
gain (RT), and ADC FS diff voltage swing for various ADJ
settings applied to the Figure 11 configuration.
Here is a sample calculation of the values in Table 6, related
to the Figure 11 schematic, for ADJ 00 as an illustration:
a. Output current values (ADJ 00) with max input current
of 90µA (from Table 2): 12mA, 2mA
b. Net diff output load: 75Ω (37.5Ω on each output)
c.
RT Calculation: RT(k
Ω) =
37.5
Ω[(12mA – 2mA) – (2mA – 12mA)]
90µA
= 8.3kΩ
d. ADC FS diff voltage calculation = 90µA • 8.3kΩ =
750mVP-P
e. IO CM / Average Output Current (from Table 1): 7mA
f. VCMO (minimum) = IO • (24.9Ω + 50Ω + 2 • 2Ω) =
553mV, where IO = 7mA, 24.9Ω is the resistors in
series with the TERM pin, 50Ω is the TERM internal
resistance, and the 2Ω is the internal RCM minimum
value
In the Figure  11 schematic and tabulated results in
Table 6, the ADJ 11 setting’s Min CM voltage is too high
to be usable. Thus, the technique of lowering CM voltage
(Detailed Example 2) discussed earlier can be employed
As before, the CM circuit is not affected by the R1, R2 or
the ADC differential input impedance of 200Ω. The output
CM will be given by:
VCMO = IO • (24.9Ω + 50Ω + 2RCM)
(5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com