Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SISH129DN Datasheet(PDF) 7 Page - Vishay Siliconix

Part # SISH129DN
Description  P-Channel 30 V (D-S) MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SISH129DN Datasheet(HTML) 7 Page - Vishay Siliconix

  SISH129DN Datasheet HTML 1Page - Vishay Siliconix SISH129DN Datasheet HTML 2Page - Vishay Siliconix SISH129DN Datasheet HTML 3Page - Vishay Siliconix SISH129DN Datasheet HTML 4Page - Vishay Siliconix SISH129DN Datasheet HTML 5Page - Vishay Siliconix SISH129DN Datasheet HTML 6Page - Vishay Siliconix SISH129DN Datasheet HTML 7Page - Vishay Siliconix SISH129DN Datasheet HTML 8Page - Vishay Siliconix SISH129DN Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Package Information
www.vishay.com
Vishay Siliconix
Revision: 07-Dec-2020
1
Document Number: 76384
For technical questions, contact: pmostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Case Outline for PowerPAK® 1212-SWLH
and PowerPAK® 1212-8SH
DIM.
MILLIMETERS
INCHES
MIN.
NOM.
MAX.
MIN.
NOM.
MAX.
A
0.82
0.90
0.98
0.032
0.035
0.038
A1
0.00
-
0.05
0.000
-
0.002
A3
0.20 ref.
0.008 ref.
b
0.25
0.30
0.35
0.010
0.012
0.014
D
3.20
3.30
3.40
0.126
0.130
0.134
D1
2.15
2.25
2.35
0.085
0.089
0.093
E
3.20
3.30
3.40
0.126
0.130
0.134
E1
1.60
1.70
1.80
0.063
0.067
0.071
e
0.65 bsc.
0.026 bsc.
K
0.76 ref.
0.030 ref.
K1
0.41 ref.
0.016 ref.
L
0.33
0.43
0.53
0.013
0.017
0.021
Z
0.525 ref.
0.021 ref.
ECN: S20-0930-Rev. C, 07-Dec-2020
DWG: 6062
1
2
3
4
5
6
7
8
1
2
3
4
56
7
8
D
D1
Z
b
e
A3
A1
C
0.08 C
0.10 C
0.10 C
2 x
0.10 C
2 x
0.10 M
M
0.05
C
C A B
Pin 1 dot
A
B



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com