Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

POWERBUS-CAP Datasheet(PDF) 1 Page - Pepperl+Fuchs Inc.

Part # POWERBUS-CAP
Description  End Cap for Power Bus
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

POWERBUS-CAP Datasheet(HTML) 1 Page - Pepperl+Fuchs Inc.

  POWERBUS-CAP Datasheet HTML 1Page - Pepperl+Fuchs Inc. POWERBUS-CAP Datasheet HTML 2Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
End Cap for Power Bus
POWERBUS-CAP
< Fixing of the bus carrier with bus PCB in the DIN mounting rail
< Termination of DIN mounting rail
< Suitable for Power Bus
< Packaging unit: 5 pieces left, 5 pieces right
End Cap for Power Bus
Function
The end cap mounts in the 35 mm DIN mounting rail acc. to DIN EN 60715.
The end cap covers the end of the DIN mounting rail and fixes the bus carrier with bus PCB in the DIN mounting rail.
Assembly
Right end cap
POWERBUS-CAP
Left end cap
POWERBUS-CAP
Cover for DIN Mounting Rail
POWERBUS-COV.250
DIN Mounting Rail
35 mm x 15 mm
Carrier profile with
bus PCB
1
Germany: +49 621 776 2222
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0002
Singapore: +65 6779 9091
www.pepperl-fuchs.com
pa-info@us.pepperl-fuchs.com
pa-info@sg.pepperl-fuchs.com
pa-info@de.pepperl-fuchs.com


Similar Part No. - POWERBUS-CAP

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
POWERBUS-COV.250 PF-POWERBUS-COV.250 Datasheet
361Kb / 2P
Cover for DIN Mounting Rail
More results

Similar Description - POWERBUS-CAP

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
AT04-2P-EC01 AMPHENOL-AT04-2P-EC01 Datasheet
550Kb / 1P
Recpt, 2 Way, End Cap
AT04-3P-EC01 AMPHENOL-AT04-3P-EC01 Datasheet
486Kb / 1P
Recpt, 3 Way, End Cap
logo
Tyco Electronics
016897-000 MACOM-016897-000 Datasheet
88Kb / 1P
CAP, ROUND END
logo
Molex Electronics Ltd.
130112-0039 MOLEX11-130112-0039 Datasheet
31Kb / 1P
End Cap Replacement Part Assembly for 1080H
1301120039 MOLEX11-1301120039 Datasheet
43Kb / 1P
End Cap Replacement Part Assembly for 1080H
1301180010 MOLEX11-1301180010 Datasheet
28Kb / 1P
Box Track, Festoon End Cap
logo
Harwin Plc
C90-25042-10SL HARWIN-C90-25042-10SL Datasheet
54Kb / 1P
END CAP AND CHAIN
C90-25043-10SL HARWIN-C90-25043-10SL Datasheet
55Kb / 1P
END CAP AND CHAIN
logo
Pepperl+Fuchs Inc.
UPR-E PF-UPR-E Datasheet
609Kb / 2P
End Cap for Universal Power Rail
2021-04-08
logo
NHP Electrical Engineer...
1769-ECL NHP-1769-ECL Datasheet
718Kb / 1P
COMPACTLOGIX END CAP TERMINATOR LEFT
8 June 2023,
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com