Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TM3BCSL Datasheet(PDF) 1 Page - Schneider Electric

Part # TM3BCSL
Description  IP20 I/O Distributed Optimized TM3 Bus Coupler Module Serial Line Interface
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

TM3BCSL Datasheet(HTML) 1 Page - Schneider Electric

  TM3BCSL Datasheet HTML 1Page - Schneider Electric TM3BCSL Datasheet HTML 2Page - Schneider Electric TM3BCSL Datasheet HTML 3Page - Schneider Electric TM3BCSL Datasheet HTML 4Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Product data sheet
Specifications
IP20 I/O Distributed Optimized TM3
Bus Coupler Module Serial Line
Interface
TM3BCSL
Main
Range of product
Modicon TM3
Product compatibility
Logic controller
Motion controller
Product or component type
I/O distributed module
Product specific application
Bus coupler module
Complementary
Communication port protocol
Modbus serial
Connector type
RJ45 2 serial link daisy chain isolated
USB device port Mini-B
Exchange mode
Half duplex
Transmission rate
1.2...115.2 kbit/s
Topology
Daisy chain
Communication network type
Modbus
Communication service
Modbus slave device profile
Web services
Web server, USB
Current consumption
0.8 A at 24 V DC internal supply maximum 7 expansion modules
Local signalling
1 LED green/red for PWR (System Status)
1 LED green/red for COM (Run)
1 LED green/red for ERR (Error)
1 LED green/red for I/O status
Fixing mode
By clipping locks (rail)
By screws (mounting plate)
Width
27 mm
Height
96.5 mm
Depth
70 mm
Net weight
0.10 kg
Environment
Ambient air temperature for
storage
-25…70 °C
Pollution degree
2
Ambient air temperature for
operation
-10…60 °C
 
Apr 4, 2022
1


Similar Part No. - TM3BCSL

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
TM3BCCO SCHNEIDER-TM3BCCO Datasheet
114Kb / 4P
IP20 I/O Distributed Optimized TM3 Bus Coupler Module CANopen Interface
Apr 4, 2022
TM3BCEIP SCHNEIDER-TM3BCEIP Datasheet
115Kb / 4P
I/O distributed module, Modicon TM3, IP20 Optimized Bus Coupler Ethernet Interface
Apr 4, 2022
More results

Similar Description - TM3BCSL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OTB1E0DM9LP ETC2-OTB1E0DM9LP Datasheet
68Kb / 3P
I/O distributed module OTB
logo
Weidmuller
1315770000 WEIDMULLER-1315770000 Datasheet
342Kb / 3P
Remote I/O module, IP20, Reserve module
1334890000 WEIDMULLER-1334890000 Datasheet
612Kb / 5P
Remote I/O fieldbus coupler, IP20, CANopen
1334900000 WEIDMULLER-1334900000 Datasheet
602Kb / 5P
Remote I/O fieldbus coupler, IP20, DeviceNet
2625010000 WEIDMULLER-2625010000 Datasheet
390Kb / 4P
Remote I/O fieldbus coupler, IP20, CC-Link
November 4, 2021
2661310000 WEIDMULLER-2661310000 Datasheet
442Kb / 4P
Remote I/O fieldbus coupler, IP20, Ethernet
November 4, 2021
logo
Schneider Electric
TM3BCCO SCHNEIDER-TM3BCCO Datasheet
114Kb / 4P
IP20 I/O Distributed Optimized TM3 Bus Coupler Module CANopen Interface
Apr 4, 2022
TM3BCEIP SCHNEIDER-TM3BCEIP Datasheet
115Kb / 4P
I/O distributed module, Modicon TM3, IP20 Optimized Bus Coupler Ethernet Interface
Apr 4, 2022
TM5NEIP1 SCHNEIDER-TM5NEIP1 Datasheet
92Kb / 3P
IP20 I/O Distributed Performance EtherNet/IP FieldBus Interface TM5 Module
Apr 6, 2022
TM5NEIP1K SCHNEIDER-TM5NEIP1K Datasheet
91Kb / 2P
IP20 I/O Distributed Perf. EtherNet/ IP FieldBus KIT TM5NEIP1/BUS BASE/POWER UNIT
Apr 6, 2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com