Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TM3DI8 Datasheet(PDF) 1 Page - Schneider Electric

Part # TM3DI8
Description  Discrete input module, Modicon TM3, 8 inputs (screw) 24 VDC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

TM3DI8 Datasheet(HTML) 1 Page - Schneider Electric

  TM3DI8 Datasheet HTML 1Page - Schneider Electric TM3DI8 Datasheet HTML 2Page - Schneider Electric TM3DI8 Datasheet HTML 3Page - Schneider Electric TM3DI8 Datasheet HTML 4Page - Schneider Electric TM3DI8 Datasheet HTML 5Page - Schneider Electric TM3DI8 Datasheet HTML 6Page - Schneider Electric TM3DI8 Datasheet HTML 7Page - Schneider Electric TM3DI8 Datasheet HTML 8Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Product data sheet
Specifications
Discrete input module, Modicon
TM3, 8 inputs (screw) 24 VDC
TM3DI8
Main
Range of product
Modicon TM3
Product or component type
Discrete input module
Range compatibility
Modicon M241
Modicon M251
Modicon M221
Modicon M262
Discrete input number
8 for input conforming to IEC 61131-2 Type 1
Discrete input logic
Sink or source (positive/negative)
Discrete input voltage
24 V
Discrete input current
7 mA for input
Complementary
Discrete I/O number
8
Current consumption
5 mA at 5 V DC via bus connector (at state off)
0 mA at 24 V DC via bus connector (at state on)
0 mA at 24 V DC via bus connector (at state off)
24 mA at 5 V DC via bus connector (at state on)
Discrete input voltage type
DC
Voltage state 1 guaranteed
15...28.8 V for input
Current state 1 guaranteed
>= 2.5 mA (input)
Voltage state 0 guaranteed
0...5 V for input
Current state 0 guaranteed
<= 1 mA (input)
Input impedance
3.4 kOhm
Response time
4 ms (turn-on)
4 ms (turn-off)
Local signalling
1 LED per channel (green) for input status
Electrical connection
11 x 2.5 mm² removable screw terminal block with pitch 5.08 mm adjustment for inputs
Maximum cable distance
between devices
Unshielded cable: <30 m for regular input
Insulation
Between input and internal logic at 500 V AC
Non-insulated between inputs
Marking
CE
Mounting support
Top hat type TH35-15 rail conforming to IEC 60715
Top hat type TH35-7.5 rail conforming to IEC 60715
plate or panel with fixing kit
 
Apr 4, 2022
1


Similar Part No. - TM3DI8

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
TM3DI8 SCHNEIDER-TM3DI8 Datasheet
120Kb / 7P
Modicon TM3 - 8 inputs (screw) 24Vdc
Aug 24, 2020
TM3DI8A SCHNEIDER-TM3DI8A Datasheet
153Kb / 8P
Discrete input module, Modicon TM3, 8 inputs (screw) 120 VAC
Apr 4, 2022
TM3DI8G SCHNEIDER-TM3DI8G Datasheet
155Kb / 8P
Discrete input module, Modicon TM3, 8 inputs (spring) 24 VDC
Apr 4, 2022
More results

Similar Description - TM3DI8

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
TM3AI4 SCHNEIDER-TM3AI4_V01 Datasheet
147Kb / 8P
Analog input module, Modicon TM3, 4 inputs (screw) 24 VDC
Apr 4, 2022
TM3AI8 SCHNEIDER-TM3AI8_V01 Datasheet
143Kb / 8P
Analog input module, Modicon TM3, 8 inputs (screw) 24 VDC
Apr 4, 2022
TM3DI16G SCHNEIDER-TM3DI16G_V01 Datasheet
157Kb / 8P
Discrete input module, Modicon TM3, 16 inputs (spring) 24 VDC
Apr 4, 2022
TM3DI16K SCHNEIDER-TM3DI16K_V01 Datasheet
153Kb / 8P
Discrete input module, Modicon TM3, 16 inputs (HE10) 24 VDC
Apr 4, 2022
TM3DI16 SCHNEIDER-TM3DI16_V01 Datasheet
154Kb / 8P
Discrete input module, Modicon TM3, 16 inputs (screw) 24 VDC
Apr 4, 2022
TM3DI32K SCHNEIDER-TM3DI32K_V01 Datasheet
163Kb / 8P
Discrete input module, Modicon TM3, 32 inputs (HE10) 24 VDC
Apr 4, 2022
TM3DI8A SCHNEIDER-TM3DI8A Datasheet
153Kb / 8P
Discrete input module, Modicon TM3, 8 inputs (screw) 120 VAC
Apr 4, 2022
TM3DI8G SCHNEIDER-TM3DI8G Datasheet
155Kb / 8P
Discrete input module, Modicon TM3, 8 inputs (spring) 24 VDC
Apr 4, 2022
TM3DQ8R SCHNEIDER-TM3DQ8R Datasheet
164Kb / 8P
Discrete output module, Modicon TM3, 8 relay outputs (screw) 24 VDC
Apr 4, 2022
TM3TI8T SCHNEIDER-TM3TI8T Datasheet
149Kb / 8P
Analog input module, Modicon TM3, 8 temperature inputs (screw) 24 VDC
Apr 4, 2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com