Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TM3DM24RG Datasheet(PDF) 1 Page - Schneider Electric

Part # TM3DM24RG
Description  Discrete I/O module, Modicon TM3, 24 IO (16 inputs, 8 relay outputs, spring) 24 VDC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

TM3DM24RG Datasheet(HTML) 1 Page - Schneider Electric

  TM3DM24RG Datasheet HTML 1Page - Schneider Electric TM3DM24RG Datasheet HTML 2Page - Schneider Electric TM3DM24RG Datasheet HTML 3Page - Schneider Electric TM3DM24RG Datasheet HTML 4Page - Schneider Electric TM3DM24RG Datasheet HTML 5Page - Schneider Electric TM3DM24RG Datasheet HTML 6Page - Schneider Electric TM3DM24RG Datasheet HTML 7Page - Schneider Electric TM3DM24RG Datasheet HTML 8Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Product data sheet
Specifications
Discrete I/O module, Modicon TM3,
24 IO (16 inputs, 8 relay outputs,
spring) 24 VDC
TM3DM24RG
Main
Range of product
Modicon TM3
Product or component type
Discrete I/O module
Range compatibility
Modicon M241
Modicon M251
Modicon M221
Modicon M262
Discrete input number
16 for input conforming to IEC 61131-2 Type 1
Discrete input logic
Sink or source (positive/negative)
Discrete input voltage
24 V
Discrete input current
7 mA for input
Discrete output type
Relay normally open
Discrete output number
8
Discrete output logic
Positive or negative
Discrete output voltage
24 V DC for relay output
240 V AC for relay output
Discrete output current
2000 mA for relay output
Complementary
Discrete I/O number
24
Current consumption
5 mA at 5 V DC via bus connector (at state off)
0 mA at 24 V DC via bus connector (at state on)
0 mA at 24 V DC via bus connector (at state off)
65 mA at 5 V DC via bus connector (at state on)
Discrete input voltage type
DC
Voltage state 1 guaranteed
15...28.8 V for input
Current state 1 guaranteed
>= 2.5 mA (input)
Voltage state 0 guaranteed
0...5 V for input
Current state 0 guaranteed
<= 1 mA (input)
Input impedance
3.4 kOhm
Response time
4 ms (turn-on)
4 ms (turn-off)
Maximum current per output
common
7 A
Mechanical durability
20000000 cycles
 
Apr 4, 2022
1


Similar Part No. - TM3DM24RG

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
TM3DM24RG SCHNEIDER-TM3DM24RG Datasheet
182Kb / 5P
module TM3 - 24 IO relays spring
Aug 11, 2019
More results

Similar Description - TM3DM24RG

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
TM3DI16G SCHNEIDER-TM3DI16G_V01 Datasheet
157Kb / 8P
Discrete input module, Modicon TM3, 16 inputs (spring) 24 VDC
Apr 4, 2022
TM3DI16 SCHNEIDER-TM3DI16_V01 Datasheet
154Kb / 8P
Discrete input module, Modicon TM3, 16 inputs (screw) 24 VDC
Apr 4, 2022
TM3DI8G SCHNEIDER-TM3DI8G Datasheet
155Kb / 8P
Discrete input module, Modicon TM3, 8 inputs (spring) 24 VDC
Apr 4, 2022
TM3DM24R SCHNEIDER-TM3DM24R_V01 Datasheet
177Kb / 8P
Discrete I/O module, Modicon TM3, 24 IO (16 inputs, 8 relay outputs, screw) 24 VDC
Apr 4, 2022
TM3DM8R SCHNEIDER-TM3DM8R Datasheet
161Kb / 8P
Discrete I/O module, Modicon TM3, 8 IO (4 inputs, 4 relay outputs, screw) 24 VDC
Apr 4, 2022
TM3DM8RG SCHNEIDER-TM3DM8RG Datasheet
163Kb / 8P
Discrete I/O module, Modicon TM3, 8 IO (4 inputs, 4 relay outputs, spring) 24 VDC
Apr 4, 2022
TM3DQ16RG SCHNEIDER-TM3DQ16RG_V01 Datasheet
170Kb / 8P
Discrete output module, Modicon TM3, 16 relay outputs (spring) 24 VDC
Apr 4, 2022
TM3DQ16R SCHNEIDER-TM3DQ16R_V01 Datasheet
167Kb / 8P
Discrete output module, Modicon TM3, 16 relay outputs (screw) 24 VDC
Apr 4, 2022
TM3DQ8R SCHNEIDER-TM3DQ8R Datasheet
164Kb / 8P
Discrete output module, Modicon TM3, 8 relay outputs (screw) 24 VDC
Apr 4, 2022
TM3DQ8RG SCHNEIDER-TM3DQ8RG Datasheet
165Kb / 8P
Discrete output module, Modicon TM3, 8 relay outputs (spring) 24 VDC
Apr 4, 2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com