Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TORX193K Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TORX193K
Description  FIBER OPTIC RECEIVING MODULE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TORX193K Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TORX193K Datasheet HTML 1Page - Toshiba Semiconductor TORX193K Datasheet HTML 2Page - Toshiba Semiconductor TORX193K Datasheet HTML 3Page - Toshiba Semiconductor TORX193K Datasheet HTML 4Page - Toshiba Semiconductor TORX193K Datasheet HTML 5Page - Toshiba Semiconductor TORX193K Datasheet HTML 6Page - Toshiba Semiconductor TORX193K Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TORX193K
2001-08-10
2
2. Recommended Operating Conditions
Characteristics
Symbol
Min
Typ.
Max
Unit
Supply Voltage
VCC
4.75
5.0
5.25
V
High Level Output Current
IOH
―
―
−150
µA
Low Level Output Current
IOL
―
―
1.6
mA
3. Electrical and Optical Characteristics (Ta = 25°C, VCC = 5 V)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Data Rate
NRZ code
(Note 2)
DC
―
6
Mb / s
Transmission Distance
Using APF
(Note 3)
0.2
―
10
m
Pulse Width Distortion
(Note 4)
∆tw
Pulse width 165 ns
Pulse cycle 330 ns
CL = 10 pF, Using TOTX193K
−25
―
25
ns
Maximum Receivable
Power
(Note 5)
PMAX
6 Mb / s, Using APF
−14.5
―
―
dBm
Minimum Receivable
Power
(Note 5)
PMIN
6 Mb / s, Using APF
―
―
−27
dBm
Current Consumption
ICC
―
22
40
mA
High Level Output Voltage
VOH
2.7
―
―
V
Low Level Output Voltage
VOL
―
―
0.4
V
Note 2: For data rate > 3 Mb / s, the duty factor must be such as kept 25 to 75%.
High level output when optical flux is received. Low level output when optical flux
is not received.
Note 3: All Plastic Fiber (980 / 1000 µm)
Note 4: Between input of a fiber optic transmitting module TOTX193K and output of TORX193K.
Note 5: BER ≤ 10
−9
, Valued by peak.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com