Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

540440 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 540440
Description  Air solenoid valve
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

540440 Datasheet(HTML) 1 Page - Festo Corporation.

  540440 Datasheet HTML 1Page - Festo Corporation. 540440 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Air solenoid valve
MHA1-M1LH-3/2O-0,6-HC
Part number: 540440
Data sheet
Feature
Value
Valve function
3/2, open, monostable
Actuation type
Electrical
Width
10 mm
Standard nominal flow rate
10 l/min
Pneumatic working port
Sub-base
Operating voltage
24V DC
Operating pressure
0 bar ... 6 bar
Structural design
Poppet valve with return spring
Reset method
Mechanical spring
Degree of protection
IP40
Certification
c UL us - Recognized (OL)
Certificate issuing authority
UL MH19482
Nominal width
0.7 mm
Width dimension
10 mm
Exhaust air function
With flow control option
Sealing principle
Soft
Mounting position
Any
Manual override
Detenting
Non-detenting
Type of control
Direct
Flow direction
Non-reversible
Symbol
00991322
Valve position ID
Label
Lap
Underlap
Note on forced dynamization
Switching frequency at least once a week
Signal status display
LED
Max. switching frequency
20 Hz
Switching time off
4 ms
On switching time
4 ms
Duty cycle
100%
Electrical power consumption
1.1 W
Coil characteristics
24 V DC: 1.1 W
Permissible voltage fluctuations
+/- 10 %
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
4/5/22 - Subject to change - Festo SE & Co. KG
1/2


Similar Part No. - 540440

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
54044 OSRAM-54044 Datasheet
76Kb / 1P
Upgrades For Popular Projjecttiion Lamps
logo
Festo Corporation.
540441 FESTO-540441 Datasheet
103Kb / 2P
Air solenoid valve
4/5/22
540442 FESTO-540442 Datasheet
101Kb / 2P
Air solenoid valve
4/5/22
540443 FESTO-540443 Datasheet
101Kb / 2P
Air solenoid valve
540444 FESTO-540444 Datasheet
102Kb / 2P
Air solenoid valve
More results

Similar Description - 540440

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
VUVG-B10-B52-ZT-F-1R8L FESTO-VUVG-B10-B52-ZT-F-1R8L Datasheet
96Kb / 2P
Air solenoid valve
VUVG-B10-M52-RZT-F-1R8L FESTO-VUVG-B10-M52-RZT-F-1R8L Datasheet
95Kb / 2P
Air solenoid valve
VUVG-B10-T32C-MZT-F-1R8L FESTO-VUVG-B10-T32C-MZT-F-1R8L Datasheet
101Kb / 2P
Air solenoid valve
VUVG-B10-T32H-AZT-F-1R8L FESTO-VUVG-B10-T32H-AZT-F-1R8L Datasheet
100Kb / 2P
Air solenoid valve
VUVG-BK10-B52-T-F-1H2L-S FESTO-VUVG-BK10-B52-T-F-1H2L-S Datasheet
95Kb / 2P
Air solenoid valve
VUVS-LT20-M32C-MD-G18-F7 FESTO-VUVS-LT20-M32C-MD-G18-F7 Datasheet
103Kb / 2P
Air solenoid valve
VUVS-LT20-M32C-MD-N18-F7 FESTO-VUVS-LT20-M32C-MD-N18-F7 Datasheet
103Kb / 2P
Air solenoid valve
VUVS-LT20-M32U-MD-G18-F7 FESTO-VUVS-LT20-M32U-MD-G18-F7 Datasheet
103Kb / 2P
Air solenoid valve
VUVS-LT20-M52-MZD-G18-F7 FESTO-VUVS-LT20-M52-MZD-G18-F7 Datasheet
103Kb / 2P
Air solenoid valve
MN1H-2-1-MS-NPT FESTO-MN1H-2-1-MS-NPT Datasheet
91Kb / 1P
Air solenoid valve
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com