Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF8545ATT Datasheet(PDF) 36 Page - NXP Semiconductors

Part # PCF8545ATT
Description  Universal LCD driver for multiplex rates up to 1:8
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8545ATT Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button PCF8545ATT Datasheet HTML 32Page - NXP Semiconductors PCF8545ATT Datasheet HTML 33Page - NXP Semiconductors PCF8545ATT Datasheet HTML 34Page - NXP Semiconductors PCF8545ATT Datasheet HTML 35Page - NXP Semiconductors PCF8545ATT Datasheet HTML 36Page - NXP Semiconductors PCF8545ATT Datasheet HTML 37Page - NXP Semiconductors PCF8545ATT Datasheet HTML 38Page - NXP Semiconductors PCF8545ATT Datasheet HTML 39Page - NXP Semiconductors PCF8545ATT Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 68 page
background image
NXP Semiconductors
PCF8545
Universal LCD driver for multiplex rates up to 1:8
Bit
Symbol
Value
Description
10, 11
unused
4 to 0
-
-
unused
Table 24. Control byte description...continued
013aaa461
not relevant
CO
7
6
5
4
3
2
1
0
RS[1:0]
MSB
LSB
Figure 25. Control byte format
8.2 I2C-bus interface
The I2C-bus is for bidirectional, two-line communication between different ICs or
modules. The two lines are a Serial DAta line (SDA) and a Serial CLock line (SCL). Both
lines must be connected to a positive supply via a pull-up resistor when connected to the
output stages of a device. Data transfer may be initiated only when the bus is not busy.
8.2.1 Bit transfer
One data bit is transferred during each clock pulse. The data on the SDA line must
remain stable during the HIGH period of the clock pulse as changes in the data line at
this time is interpreted as a control signal (see Figure 26).
mba607
data line
stable;
data valid
change
of data
allowed
SDA
SCL
Figure 26. Bit transfer
8.2.2 START and STOP conditions
Both data and clock lines remain HIGH when the bus is not busy.
A HIGH-to-LOW change of the data line, while the clock is HIGH, is defined as the
START condition (S).
A LOW-to-HIGH change of the data line, while the clock is HIGH, is defined as the STOP
condition (P).
The START and STOP conditions are shown in Figure 27.
PCF8545
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 2 — 4 October 2021
36 / 68



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com