Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF8545ATTAY Datasheet(PDF) 46 Page - NXP Semiconductors

Part # PCF8545ATTAY
Description  Universal LCD driver for multiplex rates up to 1:8
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8545ATTAY Datasheet(HTML) 46 Page - NXP Semiconductors

Back Button PCF8545ATTAY Datasheet HTML 42Page - NXP Semiconductors PCF8545ATTAY Datasheet HTML 43Page - NXP Semiconductors PCF8545ATTAY Datasheet HTML 44Page - NXP Semiconductors PCF8545ATTAY Datasheet HTML 45Page - NXP Semiconductors PCF8545ATTAY Datasheet HTML 46Page - NXP Semiconductors PCF8545ATTAY Datasheet HTML 47Page - NXP Semiconductors PCF8545ATTAY Datasheet HTML 48Page - NXP Semiconductors PCF8545ATTAY Datasheet HTML 49Page - NXP Semiconductors PCF8545ATTAY Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 68 page
background image
NXP Semiconductors
PCF8545
Universal LCD driver for multiplex rates up to 1:8
013aaa503
Tamb (ºC)
-45
95
60
25
-10
20
40
60
IDD
(µA)
0
1:8 multiplex drive mode; 1⁄4 bias; internal oscillator; display enabled; LCD outputs are open
circuit; RAM is all written with logic 1; inputs at VSS or VDD; default display prescale factor; I2C-
bus or SPI-bus inactive. Typical is defined at VDD = 3.3 V, 25 °C.
Figure 37. Typical IDD with respect to temperature
aaa-008330
Tamb (ºC)
-45
95
60
25
-10
5
10
15
IDD(LCD)
(µA)
0
VLCD = 5.5 V
Power-down mode is enabled; I2C-bus or SPI-bus inactive. Typical is defined at 25 °C.
Figure 38. Typical IDD(LCD) in power-down mode with respect to temperature
PCF8545
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 2 — 4 October 2021
46 / 68



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com