Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD744TH/883B Datasheet(PDF) 14 Page - Analog Devices

Part # AD744TH/883B
Description  Precision, 500 ns Settling BiFET Op Amp
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD744TH/883B Datasheet(HTML) 14 Page - Analog Devices

Back Button AD744TH/883B Datasheet HTML 7Page - Analog Devices AD744TH/883B Datasheet HTML 8Page - Analog Devices AD744TH/883B Datasheet HTML 9Page - Analog Devices AD744TH/883B Datasheet HTML 10Page - Analog Devices AD744TH/883B Datasheet HTML 11Page - Analog Devices AD744TH/883B Datasheet HTML 12Page - Analog Devices AD744TH/883B Datasheet HTML 13Page - Analog Devices AD744TH/883B Datasheet HTML 14Page - Analog Devices AD744TH/883B Datasheet HTML 15Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
AD744
Data Sheet
Rev. D | Page
14 of 15
CONTROLLING DIMENSIONS ARE IN INCHES; MILLIMETER DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF INCH EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN.
COMPLIANT TO JEDEC STANDARDS MO-002-AK
0.250 (6.35) MIN
0.185 (4.70)
0.165 (4.19)
0.050 (1.27) MAX
0.019 (0.48)
0.016 (0.41)
0.040 (1.02)
0.010 (0.25)
0.040 (1.02) MAX
0.160 (4.06)
0.140 (3.56)
0.100 (2.54)
BSC
6
2
8
7
5
4
3
1
0.200 (5.08)
BSC
0.100 (2.54)
BSC
45° BSC
BASE & SEATING PLANE
REFERENCE PLANE
0.370 (9.40)
0.335 (8.51)
0.335 (8.51)
0.305 (7.75)
BOTTOM VIEW
SIDE VIEW
0.021 (0.53)
0.016 (0.40)
0.50 (12.70)
MIN
0.034 (0.86)
0.028 (0.71)
0.045 (1.14)
0.027 (0.69)
Figure 4
5. 8-Pin Metal Header [TO_99]
(H-08)
Dimensions shown in inches and (millimeters]
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
AD744JR
0°C to +70°C
8-Lead Standard Small Outline Package [SOIC_N]
R-8
AD744JRZ
0°C to +70°C
8-Lead Standard Small Outline Package [SOIC_N]
R-8
AD744JR-REEL
0°C to +70°C
8-Lead Standard Small Outline Package [SOIC_N]
R-8
AD744KRZ
0°C to +70°C
8-Lead Standard Small Outline Package [SOIC_N]
R-8
AD744KRZ-REEL
0°C to +70°C
8-Lead Standard Small Outline Package [SOIC_N]
R-8
AD744KRZ-REEL7
0°C to +70°C
8-Lead Standard Small Outline Package [SOIC_N]
R-8
AD744AQ
−40°C to +85°C
8-Lead Ceramic Dual In-Line Package [CERDIP]
Q-8
AD744BQ
−40°C to +85°C
8-Lead Ceramic Dual In-Line Package [CERDIP]
Q-8
AD744JNZ
−40°C to +85°C
8-Lead Plastic Dual In-Line Package [PDIP]
N-8
AD744KNZ
−40°C to +85°C
8-Lead Plastic Dual In-Line Package [PDIP]
N-8
AD744JCHIPS
0°C to +70°C
Die
AD744TH/883B
−55°C to +125°C
8-Pin Metal Header [TO-99]
H-08
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com