Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8985 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 8985
Description  Roller lever valve
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8985 Datasheet(HTML) 1 Page - Festo Corporation.

  8985 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Roller lever valve
R-3-1/4-B
Part number: 8985
Data sheet
Feature
Value
Valve function
3/2, closed, monostable
Actuation type
Mechanical
Standard nominal flow rate
600 l/min
Pneumatic working port
G1/4
Operating pressure
-0.95 bar ... 10 bar
Structural design
Piston seat
Nominal width
7 mm
Type of control
Direct
Symbol
00991097
Explosion prevention and protection
Zone 1 (ATEX)
Zone 2 (ATEX)
Zone 21 (ATEX)
Zone 22 (ATEX)
Ambient temperature
-10 °C ... 60 °C
Actuating force
26 N
Product weight
230 g
Type of mounting
With through-hole
Pneumatic connection 1
G1/4
Pneumatic connection 2
G¼
Pneumatic connection 3
G1/4
Seals material
NBR
Housing material
Die-cast aluminum
4/8/22 - Subject to change - Festo SE & Co. KG
1/1


Similar Part No. - 8985

ManufacturerPart #DatasheetDescription
logo
Heyco.
8985 HEYCO-8985 Datasheet
184Kb / 1P
Heyco® Self-Closing Braided Sleeving
logo
List of Unclassifed Man...
89850003 ETC2-89850003 Datasheet
2Mb / 21P
BRUSH MOTORS THE POWER OF SILENCE
89850007 ETC2-89850007 Datasheet
2Mb / 21P
BRUSH MOTORS THE POWER OF SILENCE
89850008 ETC2-89850008 Datasheet
2Mb / 21P
BRUSH MOTORS THE POWER OF SILENCE
89850503 ETC2-89850503 Datasheet
2Mb / 21P
BRUSH MOTORS THE POWER OF SILENCE
More results

Similar Description - 8985

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
VMEF-R-M52-E-G14 FESTO-VMEF-R-M52-E-G14 Datasheet
84Kb / 2P
Roller lever valve
VMEF-R-M52-M-G14 FESTO-VMEF-R-M52-M-G14 Datasheet
85Kb / 2P
Roller lever valve
VMEF-R-M52-M-G18 FESTO-VMEF-R-M52-M-G18 Datasheet
87Kb / 2P
Roller lever valve
VMEF-RT-M32-M-G14 FESTO-VMEF-RT-M32-M-G14 Datasheet
88Kb / 2P
Roller lever valve
VMEF-K-M52-M-N14 FESTO-VMEF-K-M52-M-N14 Datasheet
84Kb / 2P
Roller lever valve
VMEF-K-M52-M-N18 FESTO-VMEF-K-M52-M-N18 Datasheet
85Kb / 2P
Roller lever valve
VMEF-KT-M32-M-N18 FESTO-VMEF-KT-M32-M-N18 Datasheet
89Kb / 2P
Roller lever valve
VMEF-R-M52-E-N18 FESTO-VMEF-R-M52-E-N18 Datasheet
86Kb / 2P
Roller lever valve
VMEF-R-M52-M-N14 FESTO-VMEF-R-M52-M-N14 Datasheet
85Kb / 2P
Roller lever valve
VMEF-RT-M32-M-N18 FESTO-VMEF-RT-M32-M-N18 Datasheet
88Kb / 2P
Roller lever valve
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com