Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDRB-100 Datasheet(PDF) 2 Page - CUI INC

Part # PDRB-100
Description  AC-DC DIN RAIL POWER SUPPLY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PDRB-100 Datasheet(HTML) 2 Page - CUI INC

  PDRB-100 Datasheet HTML 1Page - CUI INC PDRB-100 Datasheet HTML 2Page - CUI INC PDRB-100 Datasheet HTML 3Page - CUI INC PDRB-100 Datasheet HTML 4Page - CUI INC PDRB-100 Datasheet HTML 5Page - CUI INC PDRB-100 Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
cui.com
date 11/25/2020
│ page 2 of 6
CUI Inc
│ SERIES: PDRB-100 │ DESCRIPTION: AC-DC DIN RAIL POWER SUPPLY
INPUT
parameter
conditions/description
min
typ
max
units
input voltage
ac input
dc input
85
120
264
370
Vac
Vdc
frequency
47
63
Hz
current
at 115 Vac
at 230 Vac
3.0
1.6
A
A
inrush current
at 115 Vac
at 230 Vac
35
70
A
A
leakage current
at 240 Vac
0.5
mA
OUTPUT
parameter
conditions/description
min
typ
max
units
capacitive load
12 Vdc output models
15 Vdc output models
24 Vdc output models
48 Vdc output models
10,000
6,400
2,500
1,100
µF
µF
µF
µF
initial set point accuracy
0% ~ 100% load
±2
%
line regulation
at rated load
±0.5
%
load regulation
at 230 Vac
±1.5
%
start-up time
3
s
hold-up time
at 230 Vac
30
ms
switching frequency
65
kHz
temperature coefficient
±0.03
%/°C
no load power consumption
at 230 Vac
12 Vdc, 15 Vdc output models
24 Vdc output models
48 Vdc output models
0.3
0.35
0.4
W
W
PROTECTIONS
parameter
conditions/description
min
typ
max
units
over voltage protection
12 Vdc output models
15 Vdc output models
24 Vdc output models
48 Vdc output models
20
25
35
60
Vdc
Vdc
Vdc
Vdc
over current protection
auto recovery
110
200
%
short circuit protection
continuous, auto recovery, hiccup
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com