Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BES05ZW Datasheet(PDF) 2 Page - Balluff Korea Ltd.

Part # BES05ZW
Description  Smart Automation and Monitoring System Inductive Sensors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BES05ZW Datasheet(HTML) 2 Page - Balluff Korea Ltd.

  BES05ZW Datasheet HTML 1Page - Balluff Korea Ltd. BES05ZW Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Smart Automation and Monitoring System
Inductive Sensors
BES M12EG1-L01C80F-S04G-L04
Order Code: BES05ZW
Internet
www.balluff.com
eCl@ss 9.1: 27-27-01-01
Subject to change without notice: 284216
ETIM 6.0: EC002714
BES05ZW_0.18_2022-01-12
2 / 2
IO-Link
IO-Link Profil IDs
0x0004 SSP2.1
0x0005 SSP2.2
0x0006 SSP2.3
0x4000 Identification and
Diagnosis
Supported IO-Link Profiles
Common Profile
Legacy Smart Sensor Profile
Smart Sensor Profile - Adjustable
Switching Sensor
Interface
Interface
IO-Link 1.1
Interface setting option
Factory setting (Reset)
SIO mode/IO-Link mode
Teach-In of switchpoints
Process data IN
Teaching successfully reply
1 byte
Switching state
Switching output
PNP/NPN/push-pull NO/NC
Push-pull NO/NC
Material
Housing material
1.4404 stainless steel
Material sensing surface
PBT
Mechanical data
Dimension
Ø 12 x 65 mm
Installation
non-flush
Size
M12x1
Tightening torque
10 Nm
Range/Distance
Assured operating distance Sa
6.4 mm
Hysteresis H max. (% of Sr)
15 %
Measuring range
1...8 mm
Rated operating distance Sn
8 mm
Repeat accuracy max. (% of Sr)
5 %
Switching distance marking
■■
Temperature drift max. (% of Sr)
10 %
Tolerance Sr
10 %
Remarks
The sensor is functional again after the overload has been eliminated.
Sensors with IO-Link function are not suitable for series or parallel wiring.
For more information about MTTF and B10d see MTTF / B10d Certificate
Indication of the MTTF- / B10d value does not represent a binding composition and/or life expectancy assurance; these are simply experiential values with
no warranty implications. These declared values also do not extend the expiration period for defect claims or affect it in any way.
Connector Drawings
Wiring Diagrams



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com