Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

34877 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 34877
Description  Piloted non return valve
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

34877 Datasheet(HTML) 1 Page - Festo Corporation.

  34877 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Piloted non return valve
HGL-1/8-NPT
Part number: 34877
Data sheet
Feature
Value
Valve function
Unlockable non-return function
Pneumatic connection 1
1/8 NPT
Pneumatic connection 2
1/8 NPT
Type of mounting
Screw-in
Standard nominal flow rate
0 l/min ... 260 l/min
Operating pressure
0.03 MPa ... 1 MPa
Operating pressure
0.3 bar ... 10 bar
Pilot pressure MPa
0.2 MPa ... 1 MPa
Pilot pressure
2 bar ... 10 bar
Pilot pressure psi
29 psi ... 145 psi
Ambient temperature
-20 °C ... 80 °C
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Symbol
00991456
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Temperature of medium
-20 °C ... 80 °C
Note on materials
RoHS-compliant
4/11/22 - Subject to change - Festo SE & Co. KG
1/1


Similar Part No. - 34877

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3487 ETC2-3487 Datasheet
230Kb / 1P
FEMALE THREADED STANDOFFS
3487 ETC2-3487 Datasheet
211Kb / 1P
FEMALE THREADED STANDOFFS
3487 ETC2-3487 Datasheet
93Kb / 2P
THREADED STANDOFFS
logo
Keystone Electronics Co...
3487 KEYSTONE-3487 Datasheet
211Kb / 1P
FEMALE THREADED STANDOFFS
31-07 20th
logo
Adafruit Industries
3487 ADAFRUIT-3487 Datasheet
146Kb / 2P
Arcade Button with LED - 30mm Translucent Green
6-16-17
More results

Similar Description - 34877

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
34878 FESTO-34878 Datasheet
75Kb / 1P
Piloted non return valve
4/11/22
34879 FESTO-34879 Datasheet
75Kb / 1P
Piloted non return valve
4/11/22
34880 FESTO-34880 Datasheet
74Kb / 1P
Piloted non return valve
4/11/22
530029 FESTO-530029 Datasheet
88Kb / 2P
Piloted non return valve
4/11/22
530030 FESTO-530030 Datasheet
83Kb / 2P
Piloted non return valve
4/11/22
530033 FESTO-530033 Datasheet
81Kb / 2P
Piloted non return valve
4/11/22
530039 FESTO-530039 Datasheet
86Kb / 2P
Piloted non return valve
4/11/22
530042 FESTO-530042 Datasheet
90Kb / 2P
Piloted non return valve
4/11/22
530044 FESTO-530044 Datasheet
90Kb / 2P
Piloted non return valve
4/11/22
543253 FESTO-543253 Datasheet
79Kb / 2P
Piloted non return valve
4/11/22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com