Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM9823CCWMX Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9823CCWMX
Description  LM9823 3 Channel 48-Bit Color Scanner Analog Front End
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9823CCWMX Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button LM9823CCWMX Datasheet HTML 14Page - National Semiconductor (TI) LM9823CCWMX Datasheet HTML 15Page - National Semiconductor (TI) LM9823CCWMX Datasheet HTML 16Page - National Semiconductor (TI) LM9823CCWMX Datasheet HTML 17Page - National Semiconductor (TI) LM9823CCWMX Datasheet HTML 18Page - National Semiconductor (TI) LM9823CCWMX Datasheet HTML 19Page - National Semiconductor (TI) LM9823CCWMX Datasheet HTML 20Page - National Semiconductor (TI) LM9823CCWMX Datasheet HTML 21Page - National Semiconductor (TI) LM9823CCWMX Datasheet HTML 22Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
21
www.national.com
an inappropriate value when operating in the lower “divide by”
modes.
Valid CDSREF settings are:
9.7 PD (Power Down) Mode
A Power Down bit is provided to configure the LM9823 in a lower
power Standby mode. In this mode, typical power consumption is
reduced to less than 1% of normal operating power. The serial
interface is still active, but the majority of the analog and digital
circuitry is powered down.
10.0 LM9823 Basic Operation
The normal operational sequence when using the LM9823 is as
follows:
Immediately after applying power, all configuration registers are
reset to default settings. MCLK should be applied, and the appro-
priate values written to the registers using the procedure dis-
cussed in section
8.0 Serial Interface and Configuration Registers
on page 20 and detailed in Diagrams 10, 11 and 12. Once the
configuration registers are loaded, the timing control signals can
be applied at the proper rates for the mode of conversion desired.
MCLK is applied initially with VSMP and CLMP low. After at least
3 MCLKS, VSMP and CLMP signals can begin. The divide by
mode is determined by the ratio of MCLK to VSMP frequency as
described in section 10.2.
16-Bit conversion results are placed on the data output pins as
follows: The upper 8 bits are output first with bit 15 of the ADC on
D7 and bit 8 of the ADC on D0. The lower 8 bits are then output
with bit 7 of the ADC on D7 and bit 0 of the ADC on D0. The exact
timing and conversion latency of the output data is affected by the
settings of the DOE variable in the Sample Mode register, and the
divide by mode of operation. If DOE = 0 (recommended setting
for best performance), output data will change on the falling edge
of MCLK. If DOE = 1, output data is updated on the rising edge of
MCLK. See Diagrams 1 through 6 and Diagram 13 for more infor-
mation on data output timing.
10.1 CLMP Operation
The CLMP signal is used to engage the LM9823 internal clamp
circuits at the proper time during the CCD or CIS data output
cycle. If both CLMP and VSMP are high on a rising edge of
MCLK, then CLMP will be applied during the next pixel. The exact
timing of the internal Clamp signal is determined by the divide by
mode of operation and the setting of the SMPCL variable in the
Sample Mode register. If SMPCL = 0, then the Clamp is on for 1
MCLK before the reference is sampled. If SMPCL = 1 then the
clamp is on between the reference and the signal sample points.
Please see Diagram 8 and Diagram 9 for a graphic example of
this timing.
To clamp across multiple pixels in a row, CLMP can be set high
and remain there for the entire number of pixels to be clamped,
then returned to the low state for normal (signal) operation. This
may simplify the timing required to generate the CLMP signal.
10.2 MCLK and VSMP Timing
The relationship between VSMP and MCLK is used to determine
the 'divide by' mode that is presently being used with the part.
Valid 'divide by' settings are:
Color - /8, /6
Monochrome - /8, /6, /3, /2
When entering a new mode, it is important to provide consistent
MCLK/VSMP timing signals that meet the following condition.
When switching to a new 'divide by' mode, VSMP should be held
low for a minimum of 3 MCLK cycles, then valid timing according
to the datasheet diagrams for the particular mode should be
started. This ensures that all internal circuitry is properly synchro-
nized to the new conversion 'divide by' mode being used. If the
timing relationship between VSMP and MCLK is disturbed for any
reason, the same procedure should be used before restarting
operation in the chosen 'divide by' mode.
For example: To change from monochrome divide by 3 mode to
monochrome divide by 2 mode, VSMP should be held low for at
least 3 MCLK cycles, then VSMP can be brought high using
'divide by 2' timing. If VSMP is not low for at least 3 MCLKs, the
LM9823 may enter an unknown mode.
Diagram 6: Timing of Transitions between ‘Divide By’ Modes
“Divide By” Mode
Valid CDSREF
/8
00,01,10,11
/6
00,01,10,11
/3
00,01
/2
00
MCLK
VSMP
Divide by 3
Transition
Divide by 2
(
≥ 3 MCLK)
Applications Information (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com