Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD628 Datasheet(PDF) 12 Page - Analog Devices

Part # AD628
Description  Zero Drift, Digitally Programmable Instrumentation Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD628 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD628 Datasheet HTML 8Page - Analog Devices AD628 Datasheet HTML 9Page - Analog Devices AD628 Datasheet HTML 10Page - Analog Devices AD628 Datasheet HTML 11Page - Analog Devices AD628 Datasheet HTML 12Page - Analog Devices AD628 Datasheet HTML 13Page - Analog Devices AD628 Datasheet HTML 14Page - Analog Devices AD628 Datasheet HTML 15Page - Analog Devices AD628 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
AD8231
Data Sheet
Rev. E | Page 12 of 24
G = +1, 1µV/DIV
G = +128, 0.4µV/DIV
1s/DIV
Figure 21. Instrumentation Amplifier 0.1 Hz to 10 Hz Noise
100
80
60
40
20
90
70
50
30
10
0
1
10
100
1k
FREQUENCY (Hz)
G = +1
G = +8
G = +128
Figure 22. Instrumentation Amplifier Voltage Noise Spectral Density vs.
Frequency, 5 V, 1 Hz to 1000 Hz
1000
900
800
700
600
500
400
300
200
100
0
1
10
100
1k
10k
100k
FREQUENCY (Hz)
G = +1
G = +8
G = +128
Figure 23. Instrumentation Amplifier Voltage Noise Spectral Density vs.
Frequency, 5 V, 1 Hz to 1 MHz
100
10
1
0.1
0.01
1
100k
10k
1k
100
10
FREQUENCY (Hz)
Figure 24. Instrumentation Amplifier Current Noise Spectral Density
5µs/DIV
20mV/DIV
Figure 25. Instrumentation Amplifier Small Signal Pulse Response, G = 1,
RL = 2 kΩ, CL = 500 pF
NO
LOAD
300pF
500pF
800pF
4µs/DIV
20mV/DIV
Figure 26. Instrumentation Amplifier Small Signal Pulse Response for Various
Capacitive Loads, G = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com