Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9213 Datasheet(PDF) 49 Page - Analog Devices

Part # AD9213
Description  12-Bit, 6 GSPS/10.25 GSPS, JESD204B, RF Analog-to-Digital Converter
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9213 Datasheet(HTML) 49 Page - Analog Devices

Back Button AD9213 Datasheet HTML 45Page - Analog Devices AD9213 Datasheet HTML 46Page - Analog Devices AD9213 Datasheet HTML 47Page - Analog Devices AD9213 Datasheet HTML 48Page - Analog Devices AD9213 Datasheet HTML 49Page - Analog Devices AD9213 Datasheet HTML 50Page - Analog Devices AD9213 Datasheet HTML 51Page - Analog Devices AD9213 Datasheet HTML 52Page - Analog Devices AD9213 Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 110 page
background image
Data Sheet
AD9213
Rev. A | Page 49 of 110
Figure 109 shows a simplified block diagram of the complex to real conversion.
LOW-PASS
FILTER
2
I
Q
REAL
HB1 FIR
LOW-PASS
FILTER
2
HB1 FIR
0
1
COMPLEX TO
REAL ENABLE
Q
90°
0°
+
–
COMPLEX TO REAL CONVERSION
I
Q
I
Q
GAIN STAGE
cos(wt)
sin(wt)
I/REAL
0dB
OR
6dB
0dB
OR
6dB
0dB
OR
6dB
0dB
OR
6dB
fS/4
Figure 109. Complex to Real Conversion Block
DDC EXAMPLE CONFIGURATIONS
Table 22 and Table 23 describes the register settings for multiple DDC example configurations, where bandwidths are with <−0.001 dB of
pass-band ripple and >100 dB of stop band alias rejection.
Table 22. Example DDC Configurations per ADC Channel Pair, Full Bandwidth Mode
Chip Application
Layer
Chip
Decimation
Ratio (DCM)
DDC
Output
Type
Bandwidth
Per DDC1
No. of Virtual
Converters
Required
Register Settings
Full Bandwidth Mode
1
Don’t care
50% × fS
1
0x606 = 0x00 (full bandwidth mode)
0x607 = 0x00 (chip decimate by 1)
0x630 = 0x00 (don’t care)
0x631 = 0x00 (don’t care)
1 fS is the ADC sample rate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com