Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9161BBCZRL Datasheet(PDF) 52 Page - Analog Devices

Part # AD9161BBCZRL
Description  11-Bit/16-Bit, 12 GSPS, RF Digital-to-Analog Converters
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9161BBCZRL Datasheet(HTML) 52 Page - Analog Devices

Back Button AD9161BBCZRL Datasheet HTML 48Page - Analog Devices AD9161BBCZRL Datasheet HTML 49Page - Analog Devices AD9161BBCZRL Datasheet HTML 50Page - Analog Devices AD9161BBCZRL Datasheet HTML 51Page - Analog Devices AD9161BBCZRL Datasheet HTML 52Page - Analog Devices AD9161BBCZRL Datasheet HTML 53Page - Analog Devices AD9161BBCZRL Datasheet HTML 54Page - Analog Devices AD9161BBCZRL Datasheet HTML 55Page - Analog Devices AD9161BBCZRL Datasheet HTML 56Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 144 page
background image
AD9161/AD9162
Data Sheet
Rev. D | Page 52 of 144
Step 3: Data Streaming
In this phase, data is streamed from the transmitter block to the
receiver block.
Optionally, data can be scrambled. Scrambling does not start
until the very first octet following the ILAS.
The receiver block processes and monitors the data it receives
for errors, including the following:
•
Bad running disparity (8-bit/10-bit error)
•
Not in table (8-bit/10-bit error)
•
Unexpected control character
•
Bad ILAS
•
Interlane skew error (through character replacement)
If any of these errors exist, they are reported back to the
transmitter in one of the following ways (see the JESD204B
Error Monitoring section for details):
•
SYNCOUT± signal assertion: resynchronization
(SYNCOUT± signal pulled low) is requested at each error
for the last two errors. For the first three errors, an optional
resynchronization request can be asserted when the error
counter reaches a set error threshold.
•
For the first three errors, each multiframe with an error in
it causes a small pulse on SYNCOUT±.
•
Errors can optionally trigger an interrupt request (IRQ)
event, which can be sent to the transmitter.
For more information about the various test modes for
verifying the link integrity, see the JESD204B Test Modes
section.
Lane FIFO
The FIFOs in front of the crossbar switch and deframer synchro-
nize the samples sent on the high speed serial data interface
with the deframer clock by adjusting the phase of the incoming
data. The FIFO absorbs timing variations between the data
source and the deframer; this allows up to two PCLK cycles of
drift from the transmitter. The FIFO_STATUS_REG_0 register
and FIFO_STATUS_REG_1 register (Register 0x30C and
Register 0x30D, respectively) can be monitored to identify
whether the FIFOs are full or empty.
Lane FIFO IRQ
An aggregate lane FIFO error bit is also available as an IRQ
event. Use Register 0x020, Bit 2 to enable the FIFO error bit,
and then use Register 0x024, Bit 2 to read back its status and
reset the IRQ signal. See the Interrupt Request Operation
section for more information.
Crossbar Switch
Register 0x308 to Register 0x30B allow arbitrary mapping of
physical lanes (SERDINx±) to logical lanes used by the SERDES
deframers.
Table 21. Crossbar Registers
Address
Bits
Logical Lane
0x308
[2:0]
SRC_LANE0
0x308
[5:3]
SRC_LANE1
0x309
[2:0]
SRC_LANE2
0x309
[5:3]
SRC_LANE3
0x30A
[2:0]
SRC_LANE4
0x30A
[5:3]
SRC_LANE5
0x30B
[2:0]
SRC_LANE6
0x30B
[5:3]
SRC_LANE7
Write each SRC_LANEy with the number (x) of the desired
physical lane (SERDINx±) from which to obtain data. By
default, all logical lanes use the corresponding physical lane as
their data source. For example, by default, SRC_LANE0 = 0;
therefore, Logical Lane 0 obtains data from Physical Lane 0
(SERDIN0±). To use SERDIN4± as the source for Logical Lane 0
instead, the user must write SRC_LANE0 = 4.
Lane Inversion
Register 0x334 allows inversion of desired logical lanes, which
can be used to ease routing of the SERDINx± signals. For each
Logical Lane x, set Bit x of Register 0x334 to 1 to invert it.
Deframer
The AD9161/AD9162 consist of one quad-byte deframer
(QBD). The deframer accepts the 8-bit/10-bit encoded data
from the deserializer (via the crossbar switch), decodes it, and
descrambles it into JESD204B frames before passing it to the
transport layer to be converted to DAC samples. The deframer
processes four symbols (or octets) per processing clock (PCLK)
cycle.
The deframer uses the JESD204B parameters that the user has
programmed into the register map to identify how the data is
packed, and unpacks it. The JESD204B parameters are
described in detail in the Transport Layer section; many of the
parameters are also needed in the transport layer to convert
JESD204B frames into samples.
Descrambler
The AD9161/AD9162 provide an optional descrambler block
using a self synchronous descrambler with the following
polynomial: 1 + x14 + x15.
Enabling data scrambling reduces spectral peaks that are
produced when the same data octets repeat from frame to
frame. It also makes the spectrum data independent so that
possible frequency selective effects on the electrical interface do
not cause data dependent errors. Descrambling of the data is
enabled by setting the SCR bit (Register 0x453, Bit 7) to 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com