Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX17048 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX17048
Description  3關A 1-Cell/2-Cell Fuel Gauge with ModelGauge
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17048 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX17048 Datasheet HTML 1Page - Maxim Integrated Products MAX17048 Datasheet HTML 2Page - Maxim Integrated Products MAX17048 Datasheet HTML 3Page - Maxim Integrated Products MAX17048 Datasheet HTML 4Page - Maxim Integrated Products MAX17048 Datasheet HTML 5Page - Maxim Integrated Products MAX17048 Datasheet HTML 6Page - Maxim Integrated Products MAX17048 Datasheet HTML 7Page - Maxim Integrated Products MAX17048 Datasheet HTML 8Page - Maxim Integrated Products MAX17048 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
(TA = +25°C, battery is Sanyo UF504553F, unless otherwise noted.)
Figure 1. I2C Bus Timing Diagram
CRATE ACCURACY
-0.75
-0.50
-0.25
0
0.25
0.50
0.75
1.00
-1.00
TIME (Hr)
6
4
2
0
-2
-4
8
MAX17048 CRATE
MEASURED CRATE
ENTER HIBERNATE MODE
AUTOMATICALLY
MAX17048 toc05
TIME (min)
15
10
5
0
3.70
100
200
300
400
500
600
-100
0
20
VBATT
IBATT
IDD1
IDD0
3.75
3.80
3.85
3.90
3.95
4.00
3.65
QUIESCENT CURRENT vs. SUPPLY
VOLTAGE (HIBERNATE MODE)
VCELL (V)
4.0
3.5
3.0
0
2.5
4.5
TA = +70°C
1
2
3
4
5
TA = -20°C
TA = +25°C
5
10
15
20
25
30
35
40
QUIESCENT CURRENT vs. SUPPLY
VOLTAGE (ACTIVE MODE)
VCELL (V)
4.0
3.5
3.0
0
2.5
4.5
TA = +70°C
TA = -20°C
TA = +25°C
VOLTAGE ADC ERROR vs. TEMPERATURE
TEMPERATURE (°C)
55
40
-5
10
25
-15
-10
-5
0
5
10
15
20
-20
-20
70
VCELL = 3.6V
VCELL = 2.5V
VCELL = 4.5V
SDA
SCL
tF
tLOW
tHD:STA
tHD:DAT
tSU:STA
tSU:STO
tSU:DAT
tHD:STA
tSP tR
tBUF
tR
tF
S
Sr
P
S
MAX17048/MAX17049
3μA 1-Cell/2-Cell Fuel Gauge with ModelGauge
www.maximintegrated.com
Maxim Integrated │ 4
Typical Operating Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com