Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9986 Datasheet(PDF) 19 Page - Analog Devices

Part # AD9986
Description  4T2R Direct RF Transmitter and Observation Receiver
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9986 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9986 Datasheet HTML 15Page - Analog Devices AD9986 Datasheet HTML 16Page - Analog Devices AD9986 Datasheet HTML 17Page - Analog Devices AD9986 Datasheet HTML 18Page - Analog Devices AD9986 Datasheet HTML 19Page - Analog Devices AD9986 Datasheet HTML 20Page - Analog Devices AD9986 Datasheet HTML 21Page - Analog Devices AD9986 Datasheet HTML 22Page - Analog Devices AD9986 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 37 page
background image
Data Sheet
AD9986
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. 0 | 19 of 37
Table 20. Pin Function Descriptions
Pin No.
Mnemonic
Type
Description
E9, P9
NVG1_OUT
Output
Analog −1 V Supply Outputs from NVG. Decouple NVG1_OUT
to GND with a 0.1 μF capacitor.
D8, E8, E10, P8, P10, R8
VNN1
Input
Analog −1 V Supply Inputs for ADC Buffer and Reference.
Connect these pins to the adjacent NVG1_OUT pins.
C9, T9,
BVNN2
Output
Decoupling Pin for the Internally Generated Analog −2 V ADC
Buffer Supply. Decouple each BVNN2 pin to GND with a 0.1
μF capacitor.
C10, T10
BVDD3
Output
Decoupling Pin for the Internally Generated Analog 3 V
ADC Buffer Supply. Decouple BVDD3 to GND with a 0.1 μF
capacitor.
E5, F5, N5, P5
DAVDD1
Input
Digital Analog 1.0 V Supply Inputs.
F10, H9, H11, J9, J11, K9, K11, L9, L11, M9
DVDD1
Input
Digital 1.0 V Supply Inputs.
J6, J7, K6, K7
DVDD1_RT
Input
Digital 1.0 V Supply Inputs for Retimer Block.
K5
DCLKVDD1
Input
Digital 1.0 V Clock Generation Supply.
A16, B16, C16, D16, E16, F16, G16, H16, M16, N16,
P16, R16, T16, U16, V16
SVDD1
Input
Digital 1.0 V Supply Inputs for SERDES Deserializer and
Serializer.
K15
SVDD2_PLL
Input
Digital 2.0 V Supply Input for SERDES LDO.
J16, K16
SVDD1_PLL
Input
Digital 1.0 V Supply Inputs for SERDES Clock Generation and
PLL.
C13, F9, T13
DVDD1P8
Input
Digital Interface and Temperature Monitoring Unit (TMU)
Supply Inputs (Nominal 1.8 V).
A1, A3, A4, A7, A8, A11, A17, A18, B2 to B6, B9, B10,
B14, B15, C2, C5 to C8, C11, C17, C18, D1, D5, D9,
D14, D15, E1, E4, E6, E17, E18, F2, F4, F6 to F8, F14,
F15, G2 to G5, G17, G18, H1, H5 to H8, H10, H12, H14,
H15, J2, J8, J10, J12, J14, J15, J17, J18, K2, K8, K10,
K12, K14, K17, K18, L1, L5 to L8, L10, L12, L14, M2 to
M5, M10, M17, M18, N2, N4, N6 to N8, N14, N15, P1,
P4, P6, P17, P18, R1, R5, R9, R14, R15, T2, T5 to T8,
T11, T17, T18, U2 to U6, U9, U10, U14, U15, V1, V3, V4,
V7, V8, V11, V17, V18
GND
Input/output
Ground References.
ANALOG OUTPUTS
B1, C1
DAC0P, DAC0N
Output
DAC0 Output Currents, Ground Referenced. Tie these pins to
GND if unused.
G1, F1
DAC1P, DAC1N
Output
DAC1 Output Currents, Ground Referenced. Tie these pins to
GND if unused.
M1, N1
DAC2P, DAC2N
Output
DAC2 Output Currents, Ground Referenced. Tie these pins to
GND if unused.
U1, T1
DAC3P, DAC3N
Output
DAC3 Output Currents, Ground Referenced. Tie these pins to
GND if unused.
H3
ISET
Output
DAC Bias Current Setting Pin. Connect this pin with a 5 kΩ
resistor to GND.
C3, C4
ADCDRVN, ADCDRVP,
Output
Optional Clock Output (for Example, ADC Clock Driver for an
External ADC). These pins are disabled by default. Leave the
pins floating if unused.
B8, U8
VCM0, VCM1
Output
ADC Buffer Common-Mode Output Voltage. Decouple these
pins to GND with a 0.1 μF capacitor.
K3
VCO_VREG
Output
PLL LDO Regulator Output. Decouple this pin to GND with a
2.2 μF capacitor.
G9
TMU_REFN
Output
TMU ADC Negative Reference. Connect this pin to GND.
G10
TMU_REFP
Output
TMU ADC Positive Reference. Connect this pin to DVDD1P8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com